Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA3102 Datasheet (PDF) - Intersil Corporation

HFA3102 Datasheet PDF - Intersil Corporation
Part # HFA3102
Download  HFA3102 Download
File Size   54.24 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Long-Tailed Pair Transistor Array

HFA3102 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3102 Datasheet PDF - Intersil Corporation

Part # HFA3102
Download  HFA3102 Click to download

File Size   54.24 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Long-Tailed Pair Transistor Array

HFA3102 Datasheet (HTML) - Intersil Corporation


HFA3102 Product details

The HFA3102 is an all NPN transistor array configured as dual differential amplifiers with tail transistors. Based on Intersil bonded wafer UHF-1 SOI process, this array achieves very high fT (10GHz) while maintaining excellent hFE and VBE matching characteristics over temperature. Collector leakage currents are maintained to under 0.01nA.

Features
• High Gain-Bandwidth Product (fT) . . . . . . . . . . . . . 10GHz
• High Power Gain-Bandwidth Product. . . . . . . . . . . . 5GHz
• High Current Gain (hFE) . . . . . . . . . . . . . . . . . . . . . . . 70
• Noise Figure (Transistor) . . . . . . . . . . . . . . . . . . . . . 3.5dB
• Low Collector Leakage Current . . . . . . . . . . . . . . <0.01nA
• Excellent hFE and VBE Matching
• Pin-to-Pin to UPA102G
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Single Balanced Mixers
• Wide Band Amplification Stages
• Differential Amplifiers
• Multipliers
• Automatic Gain Control Circuits
• Frequency Doublers, Tripplers
• Oscillators
• Constant Current Sources
• Wireless Communication Systems
• Radio and Satellite Communications
• Fiber Optic Signal Processing
• High Performance Instrumentation




Similar Part No. - HFA3102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3102 INTERSIL-HFA3102 Datasheet
208Kb / 8P
Dual Long-Tailed Pair Transistor Array
July 14, 2005
logo
Renesas Technology Corp
HFA3102 RENESAS-HFA3102 Datasheet
391Kb / 7P
Dual Long-Tailed Pair Transistor Array
logo
Intersil Corporation
HFA3102B96 INTERSIL-HFA3102B96 Datasheet
208Kb / 8P
Dual Long-Tailed Pair Transistor Array
July 14, 2005
logo
Renesas Technology Corp
HFA3102B96 RENESAS-HFA3102B96 Datasheet
391Kb / 7P
Dual Long-Tailed Pair Transistor Array
logo
Intersil Corporation
HFA3102BZ INTERSIL-HFA3102BZ Datasheet
208Kb / 8P
Dual Long-Tailed Pair Transistor Array
July 14, 2005
More results


Similar Description - HFA3102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1741 SANYO-LB1741 Datasheet
82Kb / 4P
Octal NPN Darlington-pair Transistor Array
logo
Intersil Corporation
HFA3102 INTERSIL-HFA3102_05 Datasheet
208Kb / 8P
Dual Long-Tailed Pair Transistor Array
July 14, 2005
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106_12 Datasheet
124Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
logo
New Jersey Semi-Conduct...
MD6001 NJSEMI-MD6001 Datasheet
99Kb / 2P
Silicon annular complementary-pair dual transistor
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
logo
Renesas Technology Corp
HFA3102 RENESAS-HFA3102 Datasheet
391Kb / 7P
Dual Long-Tailed Pair Transistor Array
logo
ADL Embedded Solutions
ALD1106 ADL-ALD1106 Datasheet
82Kb / 9P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com