Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6005A Datasheet (PDF) - Intersil Corporation

HIP6005A Datasheet PDF - Intersil Corporation
Part # HIP6005A
Download  HIP6005A Download
File Size   153.29 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor

HIP6005A Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6005A Datasheet PDF - Intersil Corporation

Part # HIP6005A
Download  HIP6005A Click to download

File Size   153.29 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor

HIP6005A Datasheet (HTML) - Intersil Corporation


HIP6005A Product details

Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor

The HIP6005A provides complete control and protection for a DC-DC converter optimized for high-performance microprocessor applications. It is designed to drive an N-Channel MOSFET in a standard buck topology. The HIP6005A integrates all of the control, output adjustment, monitoring and protection functions into a single package.

Features
• Drives N-Channel MOSFET
• Operates from +5V or +12V Input
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
    - ±1% Over Line Voltage and Temperature
• TTL-Compatible 5-Bit Digital-to-Analog Output Voltage Selection
    - Wide Range . . . . . . . . . . . . . . . . . . . 1.8VDC to 3.5VDC
    - 0.1V Binary Steps. . . . . . . . . . . . . . . 2.1VDC to 3.5VDC
    - 0.05V Binary Steps. . . . . . . . . . . . . 1.8VDC to 2.05VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
    - Does Not Require Extra Current Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
    - Constant Frequency Operation
    - 200kHz Free-Running Oscillator Programmable from 50kHz to over 1MHz

Applications
• Power Supply for Pentium®, Pentium Pro, Pentium II, PowerPC™, K6™, 6X86™ and Alpha™ Microprocessors
• High-Power 5V to 3.xV DC-DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - HIP6005A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
HIP6005BCB INTERSIL-HIP6005BCB Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
HIP6005BCV INTERSIL-HIP6005BCV Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
HIP6005CB INTERSIL-HIP6005CB Datasheet
203Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
More results


Similar Description - HIP6005A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
1997 09
HIP6008 INTERSIL-HIP6008 Datasheet
209Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6011 INTERSIL-HIP6011 Datasheet
89Kb / 9P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6015 INTERSIL-HIP6015 Datasheet
203Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
March 2000
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
November 3, 2005
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com