Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6008 Datasheet (PDF) - Intersil Corporation

HIP6008 Datasheet PDF - Intersil Corporation
Part # HIP6008
Download  HIP6008 Download
File Size   209.82 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor

HIP6008 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6008 Datasheet PDF - Intersil Corporation

Part # HIP6008
Download  HIP6008 Click to download

File Size   209.82 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor

HIP6008 Datasheet (HTML) - Intersil Corporation


HIP6008 Product details

Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor



The HIP6008 provides complete control and protection for a DC-DC converter optimized for high-performance

microprocessor applications. It is designed to drive an N-Channel MOSFET in a standard buck topology. The

HIP6008 integrates all of the control, output adjustment, monitoring and protection functions into a single package.



Features

• Drives N-Channel MOSFET

• Operates From +5V or +12V Input

• Simple Single-Loop Control Design

- Voltage-Mode PWM Control

• Fast Transient Response

- High-Bandwidth Error Amplifier

- Full 0% to 100% Duty Ratio

• Excellent Output Voltage Regulation

- ±1.5% Over Line Voltage and Temperature

• 4 Bit Digital-to-Analog Output Voltage Selection

- Wide Range . . . . . . . . . . . . . . . . . . .2.0VDC to 3.5VDC

- 0.1V Binary Steps

• Power-Good Output Voltage Monitor

• Over-Voltage and Over-Current Fault Monitors

- Does Not Require Extra Current Sensing Element

- Uses MOSFET’s rDS(ON)

• Small Converter Size

- Constant Frequency Operation

- 200kHz Free-Running Oscillator Programmable from 50kHz to over 1MHz



Applications

• Power Supply for Pentium®, Pentium Pro, PowerPC™ and Alpha™ Microprocessors

• High-Power 5V to 3.xV DC-DC Regulators

• Low-Voltage Distributed Power Supplies




Similar Part No. - HIP6008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6002 INTERSIL-HIP6002 Datasheet
211Kb / 12P
Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
HIP6002CB INTERSIL-HIP6002CB Datasheet
211Kb / 12P
Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6003CB INTERSIL-HIP6003CB Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
More results


Similar Description - HIP6008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6005A INTERSIL-HIP6005A Datasheet
153Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
1997 09
HIP6011 INTERSIL-HIP6011 Datasheet
89Kb / 9P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6015 INTERSIL-HIP6015 Datasheet
203Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
March 2000
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
November 3, 2005
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com