Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6015 Datasheet (PDF) - Intersil Corporation

HIP6015 Datasheet PDF - Intersil Corporation
Part # HIP6015
Download  HIP6015 Download
File Size   203.17 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor

HIP6015 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6015 Datasheet PDF - Intersil Corporation

Part # HIP6015
Download  HIP6015 Click to download

File Size   203.17 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor

HIP6015 Datasheet (HTML) - Intersil Corporation


HIP6015 Product details

The HIP6015 provides complete control and protection for a DC-DC converter optimized for high-performance microprocessor applications. It is designed to drive an N-Channel MOSFET in a standard buck topology. The HIP6015 integrates all of the control, output adjustment, monitoring and protection functions into a single package.

The output voltage of the converter is easily adjusted and precisely regulated. The HIP6015 includes a fully TTL-compatible 5-input digital-to-analog converter (DAC) that adjusts the output voltage from 2.1VDC to 3.5VDC in 0.1V increments and from 1.8VDC to 2.05VDC in 0.05V steps. The precision reference and voltage-mode regulator hold the selected output voltage to within ±1% over temperature and line voltage variations.



Features

• Drives N-Channel MOSFET

• Operates from +5V or +12V Input

• Simple Single-Loop Control Design

   - Voltage-Mode PWM Control

• Fast Transient Response

   - High-Bandwidth Error Amplifier

   - Full 0% to 100% Duty Ratio

• Excellent Output Voltage Regulation

   - ±1% Over Line Voltage and Temperature

• TTL-Compatible 5-Bit Digital-to-Analog Output Voltage Selection

   - Wide Range . . . . . . . . . . . . . . . . . . . 1.8VDC to 3.5VDC

   - 0.1V Binary Steps. . . . . . . . . . . . . . . 2.1VDC to 3.5VDC

   - 0.05V Binary Steps. . . . . . . . . . . . . 1.8VDC to 2.05VDC

• Power-Good Output Voltage Monitor

• Over-Voltage and Over-Current Fault Monitors

   - Does Not Require Extra Current Sensing Element, Uses MOSFET’s rDS(ON)

• Small Converter Size

   - Constant Frequency Operation

   - 200kHz Free-Running Oscillator Programmable from 50kHz to over 1MHz

  

Applications

• Power Supply for Pentium®, Pentium Pro, Pentium II, PowerPC™, K6™, 6X86™ and Alpha™ Microprocessors

• High-Power 5V to 3.xV DC-DC Regulators

• Low-Voltage Distributed Power Supplies



 




Similar Part No. - HIP6015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6011 INTERSIL-HIP6011 Datasheet
89Kb / 9P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
June 1997
HIP6012 INTERSIL-HIP6012 Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
HIP6012 INTERSIL-HIP6012 Datasheet
360Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6012 RENESAS-HIP6012 Datasheet
655Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results


Similar Description - HIP6015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6003 INTERSIL-HIP6003 Datasheet
208Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6005 INTERSIL-HIP6005 Datasheet
203Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6005A INTERSIL-HIP6005A Datasheet
153Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6005B INTERSIL-HIP6005B Datasheet
151Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1999 02
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
1997 09
HIP6008 INTERSIL-HIP6008 Datasheet
209Kb / 12P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
2000 03
HIP6011 INTERSIL-HIP6011 Datasheet
89Kb / 9P
Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
1997 09
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
November 3, 2005
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
Buck Pulse-Width Modulator (PWM) Controller
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
Buck Pulse-Width Modulator (PWM) Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com