Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-3374RH Datasheet (PDF) - Intersil Corporation

HS-3374RH Datasheet PDF - Intersil Corporation
Part # HS-3374RH
Download  HS-3374RH Download
File Size   38.46 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter

HS-3374RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-3374RH Datasheet PDF - Intersil Corporation

Part # HS-3374RH
Download  HS-3374RH Click to download

File Size   38.46 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter

HS-3374RH Datasheet (HTML) - Intersil Corporation


HS-3374RH Product details

The Intersil HS-3374RH is a radiation hardened 8-bit bidirectional level converter designed to interface CMOS logic levels with TTL logic levels in radiation hardened bus oriented systems. The HS-3374RH is fabricated using a radiation hardened EPI-CMOS process and features eight parallel bidirectional buffer/level converters.

Features
• Electrically Screened to SMD # 5962-96786
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardened EPI-CMOS
    - Total Dose . . . . . . . . . . . . . . . . . . . . . . 1 x 105RAD(Si)
    - Latch-Up Immune . . . . . . . >1 x 1012RAD(Si)/s (Note 1)
• Low Propagation Delay Time
    - Typical CMOS to TTL Pre-RAD . . . . . . . . . . . . . . . 40ns
    - Typical CMOS to TTL Post 100KRAD . . . . . . . . . . 40ns
    - Typical TTL to CMOS Pre-RAD . . . . . . . . . . . . . . . 50ns
    - Typical TTL to CMOS Post 100KRAD . . . . . . . . . . 50ns
• Low Standby Power
• +10V CMOS and +5V TTL Power Supply Inputs
• Eight Non-Inverting Three-State Input/Output Channels
• No External TTL Input Pull-Up Resistors Required
• High TTL Sink Current
• Equivalent to Sandia SA2996
• Military Temperature Range. . . . . . . . . . . . -55°C to 125°C




Similar Part No. - HS-3374RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3374RH INTERSIL-HS-3374RH Datasheet
513Kb / 3P
Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
August 2000
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
August 2000
More results


Similar Description - HS-3374RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
Radiation Hardened 8-Bit CMOS Microprocessor
1996 02
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
Radiation Hardened 16-Bit CMOS Microprocessor
1995 09
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
August 1999
logo
Harris Corporation
CD40116 HARRIS-CD40116 Datasheet
382Kb / 6P
CMOS HIGH-SPEED 8-BIT BIDIRECTIONAL CMOS/TTL INTERFACE LEVEL CONVERTER
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
Radiation Hardened 8-Bit CMOS Microprocessor
August 2000
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
August 2000
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
March 10, 2005
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_16 Datasheet
803Kb / 32P
Radiation Hardened 8-Channel CONVERTER
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com