Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP50N06L Datasheet (PDF) - Intersil Corporation

FP50N06L Datasheet PDF - Intersil Corporation
Part # FP50N06L
Download  FP50N06L Download
File Size   412.33 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs

FP50N06L Datasheet (PDF)

Go To PDF Page Download Datasheet
FP50N06L Datasheet PDF - Intersil Corporation

Part # FP50N06L
Download  FP50N06L Click to download

File Size   412.33 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs

FP50N06L Datasheet (HTML) - Intersil Corporation


FP50N06L Product details

These N-Channel enhancement mode power MOSFETs are manufactured using the latest manufacturing process technology. This process, which uses feature sizes approaching those of LSI circuits, gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. These transistors can be operated directly from integrated circuits.



Features

• 50A, 60V

•rDS(ON)= 0.022Ω

• Temperature Compensating PSPICE® Model

• Peak Current vs Pulse Width Curve

• UIS Rating Curve

• 175°C Operating Temperature

• Related Literature

- TB334 “Guidelines for Soldering Surface Mount

Components to PC Boards”




Similar Part No. - FP50N06L

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP5001 FEELING-FP5001 Datasheet
327Kb / 14P
PWM Controller With SCP / DTC Function
FP5001DR-LF FEELING-FP5001DR-LF Datasheet
327Kb / 14P
PWM Controller With SCP / DTC Function
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
High Frequency PWM Controller With Short Circuit Restart
FP5003DR-LF FEELING-FP5003DR-LF Datasheet
532Kb / 19P
High Frequency PWM Controller With Short Circuit Restart
FP5003TR-LF FEELING-FP5003TR-LF Datasheet
532Kb / 19P
High Frequency PWM Controller With Short Circuit Restart
More results


Similar Description - FP50N06L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76013P3 FAIRCHILD-HUF76013P3 Datasheet
195Kb / 10P
20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N06 FAIRCHILD-RFG50N06 Datasheet
375Kb / 8P
50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
2000 04
RFG50N05 INTERSIL-RFG50N05 Datasheet
47Kb / 6P
50A, 50V, 0.022 Ohm, N-Channel Power MOSFETs
July 1999
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
July 1999
RFP45N02L INTERSIL-RFP45N02L Datasheet
78Kb / 8P
45A, 20V, 0.022 Ohm, N-Channel Logic Level Power MOSFETs
May 1997
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
September 1998
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com