Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EGP50A Datasheet (PDF) - SUNMATE electronic Co., LTD

EGP50A Datasheet PDF - SUNMATE electronic Co., LTD
Part # EGP50A
Download  EGP50A Download
File Size   208.29 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 5.0A Axial Leaded Ultrafast Recovery Rectifier

EGP50A Datasheet (PDF)

Go To PDF Page Download Datasheet
EGP50A Datasheet PDF - SUNMATE electronic Co., LTD

Part # EGP50A
Download  EGP50A Click to download

File Size   208.29 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description 5.0A Axial Leaded Ultrafast Recovery Rectifier

EGP50A Datasheet (HTML) - SUNMATE electronic Co., LTD


EGP50A Product details

Features
• Min. distance from body to soldering point,
    4 mm.
• Max. solder temperature, 350 °C.
• Max. soldering time, 3.5 sec.
• Do not bend lead at a point closer than
    3 mm. to the body.
   




Similar Part No. - EGP50A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EGP50A GE-EGP50A Datasheet
59Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
List of Unclassifed Man...
EGP50A ETC-EGP50A Datasheet
39Kb / 2P
5 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
logo
Vishay Siliconix
EGP50A VISHAY-EGP50A Datasheet
106Kb / 4P
Glass Passivated Ultrafast Rectifier
20-Aug-07
EGP50A VISHAY-EGP50A Datasheet
80Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
Shenzhen Luguang Electr...
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
More results


Similar Description - EGP50A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR520 FORMOSA-SR520_13 Datasheet
128Kb / 6P
5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
logo
SUNMATE electronic Co.,...
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
BYW32 SUNMATE-BYW32 Datasheet
111Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
SB520 SUNMATE-SB520 Datasheet
127Kb / 2P
5.0A Axial Leaded Schottky Barrier Diode
SBYV28-50 SUNMATE-SBYV28-50 Datasheet
172Kb / 2P
3.0A Axial Leaded Soft Recovery Ultrafast Plastic Rectifier
SF51 SUNMATE-SF51 Datasheet
176Kb / 2P
5.0A Axial Leaded Super Fast Rectifier Diodes
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
5.0A Axial Leaded Schottky Barrier Rectifiers
UF1001 SUNMATE-UF1001 Datasheet
78Kb / 2P
1.0A Axial Leaded Ultrafast Diode
SR520 SUNMATE-SR520 Datasheet
178Kb / 2P
5.0A Axial Leaded Schottky Barrier Diode
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
2.0A Axial Leaded Fast Recovery Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com