Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF634S Datasheet (PDF) - International Rectifier

IRF634S Datasheet PDF - International Rectifier
Part # IRF634S
Download  IRF634S Download
File Size   174.93 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)

IRF634S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF634S Datasheet PDF - International Rectifier

Part # IRF634S
Download  IRF634S Click to download

File Size   174.93 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)

IRF634S Datasheet (HTML) - International Rectifier


IRF634S Product details

DESCRIPTION
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The SMD-220 is a surface mount power package capable of accommodating die size up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The SMD-220 is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0 W in a typical surface mount application.

• Surface Mount
• Available in Tape and Reel
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements




Similar Part No. - IRF634S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF634S VISHAY-IRF634S Datasheet
176Kb / 9P
Power MOSFET
30-May-11
IRF634S VISHAY-IRF634S Datasheet
218Kb / 9P
Power MOSFET
07-Sep-2020
IRF634S VISHAY-IRF634S_V01 Datasheet
218Kb / 9P
Power MOSFET
07-Sep-2020
More results


Similar Description - IRF634S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC634 IRF-IRC634 Datasheet
228Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFB9N30A IRF-IRFB9N30A Datasheet
137Kb / 8P
Power MOSFET(Vdss=300V, Rds(on)=0.45ohm, Id=9.3A)
IRFD214 IRF-IRFD214 Datasheet
497Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFI624G IRF-IRFI624G Datasheet
170Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.4A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com