Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFB9N30A Datasheet (PDF) - International Rectifier

IRFB9N30A Datasheet PDF - International Rectifier
Part # IRFB9N30A
Download  IRFB9N30A Download
File Size   137.03 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=300V, Rds(on)=0.45ohm, Id=9.3A)

IRFB9N30A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFB9N30A Datasheet PDF - International Rectifier

Part # IRFB9N30A
Download  IRFB9N30A Click to download

File Size   137.03 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=300V, Rds(on)=0.45ohm, Id=9.3A)

IRFB9N30A Datasheet (HTML) - International Rectifier


IRFB9N30A Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.

• Dynamic dv/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paraleling
• Simple Drive Requirements




Similar Part No. - IRFB9N30A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFB9N30A VISHAY-IRFB9N30A Datasheet
176Kb / 8P
Power MOSFET
03-Jun-08
logo
International Rectifier
IRFB9N30APBF IRF-IRFB9N30APBF Datasheet
128Kb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFB9N30APBF VISHAY-IRFB9N30APBF Datasheet
176Kb / 8P
Power MOSFET
03-Jun-08
More results


Similar Description - IRFB9N30A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC634 IRF-IRC634 Datasheet
228Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF630N IRF-IRF630N Datasheet
155Kb / 11P
Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF634S IRF-IRF634S Datasheet
174Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRFP044N IRF-IRFP044N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=53A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44N IRF-IRFZ44N Datasheet
100Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ44Z IRF-IRFZ44Z Datasheet
333Kb / 12P
Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com