Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF644N Datasheet (PDF) - International Rectifier

IRF644N Datasheet PDF - International Rectifier
Part # IRF644N
Download  IRF644N Download
File Size   123.93 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A)

IRF644N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF644N Datasheet PDF - International Rectifier

Part # IRF644N
Download  IRF644N Click to download

File Size   123.93 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A)

IRF644N Datasheet (HTML) - International Rectifier


IRF644N Product details

Description
Fifth Generation HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.

● Advanced Process Technology
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated
● Ease of Paralleling
● Simple Drive Requirements




Similar Part No. - IRF644N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF644N VISHAY-IRF644N Datasheet
171Kb / 8P
Power MOSFET
19-Jun-08
logo
International Rectifier
IRF644NL IRF-IRF644NL Datasheet
280Kb / 12P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRF644NL VISHAY-IRF644NL Datasheet
171Kb / 8P
Power MOSFET
19-Jun-08
IRF644NLPBF VISHAY-IRF644NLPBF Datasheet
171Kb / 8P
Power MOSFET
19-Jun-08
logo
International Rectifier
IRF644NPBF IRF-IRF644NPBF Datasheet
280Kb / 12P
HEXFET짰 Power MOSFET
More results


Similar Description - IRF644N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRC644 IRF-IRC644 Datasheet
225Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF644S IRF-IRF644S Datasheet
219Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFIZ24E IRF-IRFIZ24E Datasheet
114Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.071ohm, Id=14A)
IRFIZ24N IRF-IRFIZ24N Datasheet
105Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com