Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7103Q Datasheet (PDF) - International Rectifier

IRF7103Q Datasheet PDF - International Rectifier
Part # IRF7103Q
Download  IRF7103Q Download
File Size   169.02 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=50V)

IRF7103Q Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7103Q Datasheet PDF - International Rectifier

Part # IRF7103Q
Download  IRF7103Q Click to download

File Size   169.02 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=50V)

IRF7103Q Datasheet (HTML) - International Rectifier


IRF7103Q Product details

AUTOMOTIVE MOSFET

Description
Specifically designed for Automotive applications, these HEXFET® Power MOSFETs in a Dual SO-8 package utilize the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of these Automotive qualified HEXFET Power MOSFETs are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These benefits combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.
The efficient SO-8 package provides enhanced thermal characteristics and dual MOSFET die capability making it ideal in a variety of power applications. This dual, surface mount SO-8 can dramatically reduce board space and is also available in Tape & Reel.

Benefits
● Advanced Process Technology
● Dual N-Channel MOSFET
● Ultra Low On-Resistance
● 175°C Operating Temperature
● Repetitive Avalanche Allowed up to Tjmax
● Automotive [Q101] Qualified

Typical Applications
● Anti-lock Braking Systems (ABS)
● Electronic Fuel Injection
● Power Doors, Windows & Seats




Similar Part No. - IRF7103Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7103QPBF IRF-IRF7103QPBF Datasheet
263Kb / 10P
AUTOMOTIVE MOSFET HEXFET짰 Power MOSFET
IRF7103QTRPBF IRF-IRF7103QTRPBF Datasheet
259Kb / 10P
HEXFET짰 Power MOSFET
More results


Similar Description - IRF7103Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
Power MOSFET(Vdss=-40V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-30V)
IRF7103 IRF-IRF7103 Datasheet
169Kb / 9P
Power MOSFET(Vdss=50V, Rds(on)=0.130ohm, Id=3.0A)
IRF7478 IRF-IRF7478 Datasheet
209Kb / 8P
Power MOSFET(Vdss=60V)
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
Power MOSFET(Vdss=-40V)
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
Power MOSFET(Vdss=30V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
Power MOSFET(Vdss=20V)
IRFZ46 IRF-IRFZ46 Datasheet
165Kb / 6P
Power MOSFET(Vdss=50V, Rds(on)=0.024ohm, Id=50*A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com