Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBA1405 Datasheet (PDF) - International Rectifier

IRFBA1405 Datasheet PDF - International Rectifier
Part # IRFBA1405
Download  IRFBA1405 Download
File Size   238.54 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??

IRFBA1405 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFBA1405 Datasheet PDF - International Rectifier

Part # IRFBA1405
Download  IRFBA1405 Click to download

File Size   238.54 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??

IRFBA1405 Datasheet (HTML) - International Rectifier


IRFBA1405 Product details

Description

Specifically designed for Automotive applications, this Stripe Planar design of HEXFET® Power MOSFETs utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this MOSFET are a 175oC junction operating temperature, fast switching speed and improved ruggedness in single and repetitive avalanche.



Benefits

Advanced Process Technology

Ultra Low On-Resistance

Dynamic dv/dt Rating

175°C Operating Temperature

Fast Switching

Repetitive Avalanche Allowed up to Tjmax



Typical Applications

Electric Power Steering (EPS)

Anti-lock Braking System (ABS)

Wiper Control

Climate Control

Power Door




Similar Part No. - IRFBA1405

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
222Kb / 10P
Advanced Process Technology
IRFBA1405PPBF IRF-IRFBA1405PPBF_15 Datasheet
222Kb / 10P
Advanced Process Technology
More results


Similar Description - IRFBA1405

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com