Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFI734G Datasheet (PDF) - International Rectifier

IRFI734G Datasheet PDF - International Rectifier
Part # IRFI734G
Download  IRFI734G Download
File Size   241.41 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)

IRFI734G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI734G Datasheet PDF - International Rectifier

Part # IRFI734G
Download  IRFI734G Click to download

File Size   241.41 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)

IRFI734G Datasheet (HTML) - International Rectifier


IRFI734G Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications. The molding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.

● Isolated Package
● High Voltage Isolation = 2.5 kVRMS
● Sink to Lead Creepage Dist.= 4.8 mm
● Dynamic dV/dt
● Low Thermal Resistance




Similar Part No. - IRFI734G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI734G VISHAY-IRFI734G Datasheet
873Kb / 8P
Power MOSFET
16-Jun-08
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
Vishay Siliconix
IRFI734GPBF VISHAY-IRFI734GPBF Datasheet
873Kb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRFI734G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
IRFI624G IRF-IRFI624G Datasheet
170Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.4A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFL9110 IRF-IRFL9110 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-1.1A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com