Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP048 Datasheet (PDF) - International Rectifier

IRFP048 Datasheet PDF - International Rectifier
Part # IRFP048
Download  IRFP048 Download
File Size   174.09 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)

IRFP048 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP048 Datasheet PDF - International Rectifier

Part # IRFP048
Download  IRFP048 Click to download

File Size   174.09 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)

IRFP048 Datasheet (HTML) - International Rectifier


IRFP048 Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

● Dynamic dv/dt Rating
● Isolated Central Mounting Hole
● 175°C Operating Temperature
● Ease of Paralleling
● Simple Drive Requirements




Similar Part No. - IRFP048

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP048 VISHAY-IRFP048 Datasheet
1Mb / 8P
Power MOSFET
24-Jun-08
IRFP048 VISHAY-IRFP048 Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
IRFP048 VISHAY-IRFP048 Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
logo
Vishay Telefunken
IRFP048 TFUNK-IRFP048 Datasheet
1Mb / 9P
Power MOSFET
logo
Inchange Semiconductor ...
IRFP048 ISC-IRFP048 Datasheet
444Kb / 2P
iscN-Channel MOSFET Transistor
More results


Similar Description - IRFP048

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ34 IRF-IRCZ34 Datasheet
130Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFIZ48G IRF-IRFIZ48G Datasheet
169Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ48R IRF-IRFZ48R Datasheet
136Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=50*A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com