Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP048 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP048
Description  Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP048 Datasheet(HTML) 1 Page - International Rectifier

  IRFP048 Datasheet HTML 1Page - International Rectifier IRFP048 Datasheet HTML 2Page - International Rectifier IRFP048 Datasheet HTML 3Page - International Rectifier IRFP048 Datasheet HTML 4Page - International Rectifier IRFP048 Datasheet HTML 5Page - International Rectifier IRFP048 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFP048

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP048 VISHAY-IRFP048 Datasheet
1Mb / 8P
Power MOSFET
24-Jun-08
IRFP048 VISHAY-IRFP048 Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
IRFP048 VISHAY-IRFP048 Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
logo
Vishay Telefunken
IRFP048 TFUNK-IRFP048 Datasheet
1Mb / 9P
Power MOSFET
logo
Inchange Semiconductor ...
IRFP048 ISC-IRFP048 Datasheet
444Kb / 2P
iscN-Channel MOSFET Transistor
More results

Similar Description - IRFP048

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ34 IRF-IRCZ34 Datasheet
130Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFIZ48G IRF-IRFIZ48G Datasheet
169Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ48R IRF-IRFZ48R Datasheet
136Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=50*A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com