Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP150 Datasheet (PDF) - International Rectifier

IRFP150 Datasheet PDF - International Rectifier
Part # IRFP150
Download  IRFP150 Download
File Size   135.04 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)

IRFP150 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP150 Datasheet PDF - International Rectifier

Part # IRFP150
Download  IRFP150 Click to download

File Size   135.04 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)

IRFP150 Datasheet (HTML) - International Rectifier


IRFP150 Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The TO-247 package is preferred for commercial industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mounting hole.

● Advanced Process Technology
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRFP150

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFP150 FAIRCHILD-IRFP150 Datasheet
261Kb / 7P
Advanced Power MOSFET
logo
IXYS Corporation
IRFP150 IXYS-IRFP150 Datasheet
44Kb / 1P
HIGH VOLTAGE POWER MOSFET DIE
logo
Vishay Siliconix
IRFP150 VISHAY-IRFP150 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFP150 VISHAY-IRFP150 Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
logo
Inchange Semiconductor ...
IRFP150 ISC-IRFP150 Datasheet
444Kb / 2P
iscN-Channel MOSFET Transistor
More results


Similar Description - IRFP150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF1310NS IRF-IRF1310NS Datasheet
156Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com