Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP150 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP150
Description  Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP150 Datasheet(HTML) 1 Page - International Rectifier

  IRFP150 Datasheet HTML 1Page - International Rectifier IRFP150 Datasheet HTML 2Page - International Rectifier IRFP150 Datasheet HTML 3Page - International Rectifier IRFP150 Datasheet HTML 4Page - International Rectifier IRFP150 Datasheet HTML 5Page - International Rectifier IRFP150 Datasheet HTML 6Page - International Rectifier IRFP150 Datasheet HTML 7Page - International Rectifier IRFP150 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP150N
HEXFET® Power MOSFET
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The TO-247 package is preferred for commercial-
industrial applications where higher power levels
preclude the use of TO-220 devices. The TO-247 is
similar but superior to the earlier TO-218 package
because of its isolated mounting hole.
S
D
G
VDSS = 100V
RDS(on) = 0.036W
ID = 42A
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
Description
TO-247AC
www.irf.com
1
PD- 91503C
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
42
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
30
A
IDM
Pulsed Drain Current
…
140
PD @TC = 25°C
Power Dissipation
160
W
Linear Derating Factor
1.1
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
420
mJ
IAR
Avalanche Current
…
22
A
EAR
Repetitive Avalanche Energy

16
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RqJC
Junction-to-Case
–––
0.95
RqCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RqJA
Junction-to-Ambient
–––
40
Thermal Resistance


Similar Part No. - IRFP150

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFP150 FAIRCHILD-IRFP150 Datasheet
261Kb / 7P
Advanced Power MOSFET
logo
IXYS Corporation
IRFP150 IXYS-IRFP150 Datasheet
44Kb / 1P
HIGH VOLTAGE POWER MOSFET DIE
logo
Vishay Siliconix
IRFP150 VISHAY-IRFP150 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFP150 VISHAY-IRFP150 Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
logo
Inchange Semiconductor ...
IRFP150 ISC-IRFP150 Datasheet
444Kb / 2P
iscN-Channel MOSFET Transistor
More results

Similar Description - IRFP150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF1310NS IRF-IRF1310NS Datasheet
156Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com