Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP22N50A Datasheet (PDF) - International Rectifier

IRFP22N50A Datasheet PDF - International Rectifier
Part # IRFP22N50A
Download  IRFP22N50A Download
File Size   103.56 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=22A)

IRFP22N50A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP22N50A Datasheet PDF - International Rectifier

Part # IRFP22N50A
Download  IRFP22N50A Click to download

File Size   103.56 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=22A)

IRFP22N50A Datasheet (HTML) - International Rectifier


IRFP22N50A Product details

Applications
Switch Mode Power Supply (SMPS)
UninterruptIble Power Supply
High Speed Power Switching

Benefits
Low Gate Charge Qg results in Simple Drive Requirement
Improved Gate, Avalanche and Dynamic dv/dt Ruggedness
Fully Characterized Capacitance and Avalanche Voltage and Current




Similar Part No. - IRFP22N50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP22N50A VISHAY-IRFP22N50A Datasheet
281Kb / 8P
Power MOSFET
21-Jul-08
IRFP22N50A VISHAY-IRFP22N50A Datasheet
319Kb / 9P
Power MOSFET
14-Mar-11
logo
Inchange Semiconductor ...
IRFP22N50A ISC-IRFP22N50A Datasheet
444Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP22N50A VISHAY-IRFP22N50A Datasheet
342Kb / 11P
Power MOSFET
14-Mar-11
IRFP22N50A VISHAY-IRFP22N50A Datasheet
321Kb / 10P
Power MOSFET
24-Jan-2021
More results


Similar Description - IRFP22N50A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFBA22N50A IRF-IRFBA22N50A Datasheet
106Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=24A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com