Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFV260 Datasheet (PDF) - International Rectifier

IRFV260 Datasheet PDF - International Rectifier
Part # IRFV260
Download  IRFV260 Download
File Size   175.92 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)

IRFV260 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFV260 Datasheet PDF - International Rectifier

Part # IRFV260
Download  IRFV260 Click to download

File Size   175.92 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)

IRFV260 Datasheet (HTML) - International Rectifier


IRFV260 Product details

200 Volt, 0.060Ω, HEXFET

HEXFET technology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry design achieves very low on-state resistance combined with high transconductance.
HEXFET transistors also feature all of the well-established advantages of MOSFETs, such as voltage control, very fast switching, ease of paralleling and electrical parameter temperature stability. They are well-suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers, high energy pulse circuits and virtually any application where high reliability is required.
The HEXFET transistor’s totally isolated package eliminates the need for additional isolating material between the device and the heatsink. This improves thermal efficiency and reduces drain capacitance.

Features:
■ Hermetically Sealed
■ Electrically Isolated
■ Simple Drive Requirements
■ Ease of Paralleling
■ Ceramic Eyelets




Similar Part No. - IRFV260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFV260 IRF-IRFV260 Datasheet
37Kb / 4P
Simple Drive Requirements
IRFV260 IRF-IRFV260_15 Datasheet
37Kb / 4P
Simple Drive Requirements
More results


Similar Description - IRFV260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRF5N5210 IRF-IRF5N5210 Datasheet
118Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.060ohm, Id=-31A)
IRF5Y31N20 IRF-IRF5Y31N20 Datasheet
99Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=200V, Rds(on)=0.092ohm, Id=18A*)
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
IRFI064 IRF-IRFI064 Datasheet
226Kb / 8P
TRANSISTOR N-CHANNEL(Vdss=60V, Rds(on)=0.017ohm, Id=45A*)
IRFI260 IRF-IRFI260 Datasheet
135Kb / 4P
TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)
IRFIZ24V IRF-IRFIZ24V Datasheet
83Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)
IRFM260 IRF-IRFM260 Datasheet
442Kb / 8P
TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com