Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFI064 Datasheet (PDF) - International Rectifier

IRFI064 Datasheet PDF - International Rectifier
Part # IRFI064
Download  IRFI064 Download
File Size   226.56 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(Vdss=60V, Rds(on)=0.017ohm, Id=45A*)

IRFI064 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI064 Datasheet PDF - International Rectifier

Part # IRFI064
Download  IRFI064 Click to download

File Size   226.56 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTOR N-CHANNEL(Vdss=60V, Rds(on)=0.017ohm, Id=45A*)

IRFI064 Datasheet (HTML) - International Rectifier


IRFI064 Product details

HEXFET® TRANSISTOR N-CHANNEL

AVALANCHE ENERGY RATED AND dv/dt RATED

60 Volts, 0.017 Ohm HEXFET




Similar Part No. - IRFI064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI064 IRF-IRFI064 Datasheet
230Kb / 8P
Simple Drive Requirements
IRFI064 IRF-IRFI064_15 Datasheet
230Kb / 8P
Simple Drive Requirements
More results


Similar Description - IRFI064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFI260 IRF-IRFI260 Datasheet
135Kb / 4P
TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)
IRFI360 IRF-IRFI360 Datasheet
210Kb / 8P
TRANSISTOR N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRFI460 IRF-IRFI460 Datasheet
211Kb / 8P
TRANSISTOR N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21A)
IRFN3710 IRF-IRFN3710 Datasheet
132Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFV260 IRF-IRFV260 Datasheet
175Kb / 4P
TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com