Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ44VL Datasheet (PDF) - International Rectifier

IRFZ44VL Datasheet PDF - International Rectifier
Part # IRFZ44VL
Download  IRFZ44VL Download
File Size   145.04 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A)

IRFZ44VL Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ44VL Datasheet PDF - International Rectifier

Part # IRFZ44VL
Download  IRFZ44VL Click to download

File Size   145.04 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A)

IRFZ44VL Datasheet (HTML) - International Rectifier


IRFZ44VL Product details

Description
Advanced HEXFET®Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRFZ44VL) is available for low-profile applications.

● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated
● Optimized for SMPS Applications




Similar Part No. - IRFZ44VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44VLPBF IRF-IRFZ44VLPBF Datasheet
216Kb / 10P
HEXFET Power MOSFET
More results


Similar Description - IRFZ44VL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ34 IRF-IRCZ34 Datasheet
130Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44V IRF-IRFZ44V Datasheet
229Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=16.5mw, Id=55A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ46N IRF-IRFZ46N Datasheet
85Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=16.5mohm, Id=53A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com