Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL3103 Datasheet (PDF) - International Rectifier

IRL3103 Datasheet PDF - International Rectifier
Part # IRL3103
Download  IRL3103 Download
File Size   214.15 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdds=30V, Rds(on)=12mohm, Id=64A)

IRL3103 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL3103 Datasheet PDF - International Rectifier

Part # IRL3103
Download  IRL3103 Click to download

File Size   214.15 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdds=30V, Rds(on)=12mohm, Id=64A)

IRL3103 Datasheet (HTML) - International Rectifier


IRL3103 Product details

Description
Advanced HEXFET®Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRL3103L) is available for low profile applications.

● Advanced Process Technology
● Surface Mount (IRL3103S)
● Low-profile through-hole (IRL3103L)
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRL3103

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL3103 ISC-IRL3103 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRL3103D1 IRF-IRL3103D1 Datasheet
94Kb / 6P
FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103D1PBF IRF-IRL3103D1PBF Datasheet
330Kb / 7P
Generation 5 Technology
IRL3103D1S IRF-IRL3103D1S Datasheet
126Kb / 7P
FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103D1S IRF-IRL3103D1S Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
More results


Similar Description - IRL3103

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRL3103D1 IRF-IRL3103D1 Datasheet
94Kb / 6P
FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103D1S IRF-IRL3103D1S Datasheet
126Kb / 7P
FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com