Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL3103D1S Datasheet (PDF) - International Rectifier

IRL3103D1S Datasheet PDF - International Rectifier
Part # IRL3103D1S
Download  IRL3103D1S Download
File Size   126.62 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)

IRL3103D1S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRL3103D1S Datasheet PDF - International Rectifier

Part # IRL3103D1S
Download  IRL3103D1S Click to download

File Size   126.62 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)

IRL3103D1S Datasheet (HTML) - International Rectifier


IRL3103D1S Product details

Description
The FETKY family of co-packaged HEXFET power MOSFETs and Schottky Diodes offer the designer an innovative board space saving solution for switching regulator applications. A low on resistance Gen 5 MOSFET with a low forward voltage drop Schottky diode and minimized component interconnect inductance and resistance result in maximized converter efficiencies.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.

● Co-packaged HEXFET®Power MOSFET and Schottky Diode
● Generation 5 Technology
● Logic Level Gate Drive
● Minimize Circuit Inductance
● Ideal For Synchronous Regulator Application




Similar Part No. - IRL3103D1S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3103D1S IRF-IRL3103D1S Datasheet
100Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
IRL3103D1SPBF IRF-IRL3103D1SPBF Datasheet
308Kb / 8P
Generation 5 Technology
More results


Similar Description - IRL3103D1S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7523D1 IRF-IRF7523D1 Datasheet
204Kb / 8P
FETKY??MOSFET / Schottky Diode(Vdss=30V, Rds(on)=0.11ohm, Schottky Vf=0.39V)
IRF7526D1 IRF-IRF7526D1 Datasheet
120Kb / 8P
FETKY??MOSFET & Schottky Diode(Vdss=-30V, Rds(on)=0.20ohm, Schottky Vf=0.39V)
IRFB4710 IRF-IRFB4710 Datasheet
245Kb / 11P
Power MOSFET(Vdss=100v, Rds(on)max=0.014ohm, Id=75A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
IRL3103 IRF-IRL3103 Datasheet
214Kb / 8P
Power MOSFET(Vdds=30V, Rds(on)=12mohm, Id=64A)
IRL3103D1 IRF-IRL3103D1 Datasheet
94Kb / 6P
FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=64A)
IRL3103D2 IRF-IRL3103D2 Datasheet
116Kb / 6P
FETKY??MOSFET & SCHOTTKY RECTIFIER(Vdss=30V, Rds(on)=0.014ohm, Id=54A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com