Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1477 Datasheet (PDF) - Linear Technology

LTC1477 Datasheet PDF - Linear Technology
Part # LTC1477
Download  LTC1477 Download
File Size   209.14 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Single and Dual Protected High Side Switches

LTC1477 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1477 Datasheet PDF - Linear Technology

Part # LTC1477
Download  LTC1477 Click to download

File Size   209.14 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Single and Dual Protected High Side Switches

LTC1477 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC1477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
Single and Dual Protected High Side Switches
LTC1477CS8 LINER-LTC1477CS8 Datasheet
224Kb / 8P
Single and Dual Protected High Side Switches
More results


Similar Description - LTC1477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
Single and Dual Protected High Side Switches
logo
Maxim Integrated Produc...
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505 Datasheet
147Kb / 12P
Single 2A / Dual 1A / High-Side Switches
MIC94066-69 MICREL-MIC94066-69 Datasheet
876Kb / 10P
Dual High Side Power Switches
logo
Linear Technology
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
logo
Micrel Semiconductor
MIC2505 MICREL-MIC2505_04 Datasheet
626Kb / 12P
Single 2A / Dual 1A / High-Side Switches
logo
Linear Technology
LTC1470 LINER-LTC1470_15 Datasheet
163Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1471 LINER-LTC1471_15 Datasheet
163Kb / 12P
Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
logo
Microchip Technology
MIC2505 MICROCHIP-MIC2505 Datasheet
281Kb / 24P
Single 2A/Dual 1A High-Side Switches
06/23/16
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com