Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL6001 Datasheet (PDF) - Lattice Semiconductor

GAL6001 Datasheet PDF - Lattice Semiconductor
Part # GAL6001
Download  GAL6001 Download
File Size   234.84 Kbytes
Page   15 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS FPLA Generic Array Logic

GAL6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
GAL6001 Datasheet PDF - Lattice Semiconductor

Part # GAL6001
Download  GAL6001 Click to download

File Size   234.84 Kbytes
Page   15 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS FPLA Generic Array Logic

GAL6001 Datasheet (HTML) - Lattice Semiconductor


GAL6001 Product details

Description
Using a high performance E2CMOS technology, Lattice Semiconductor has produced a next-generation programmable logic device, the GAL6001. Having an FPLA architecture, known for its superior flexibility in state-machine design, the GAL6001 offers a high degree of functional integration and flexibility in a 24-pin, 300-mil package.

Features
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
    — 30ns Maximum Propagation Delay
    — 27MHz Maximum Frequency
    — 12ns Maximum Clock to Output Delay
    — TTL Compatible 16mA Outputs
    — UltraMOS® Advanced CMOS Technology
• LOW POWER CMOS
    — 90mA Typical Icc
• E2 CELL TECHNOLOGY
    — Reconfigurable Logic
    — Reprogrammable Cells
    — 100% Tested/100% Yields
    — High Speed Electrical Erasure (<100ms)
    — 20 Year Data Retention
• UNPRECEDENTED FUNCTIONAL DENSITY
    — 78 x 64 x 36 FPLA Architecture
    — 10 Output Logic Macrocells
    — 8 Buried Logic Macrocells
    — 20 Input and I/O Logic Macrocells
• HIGH-LEVEL DESIGN FLEXIBILITY
    — Asynchronous or Synchronous Clocking
    — Separate State Register and Input Clock Pins
    — Functional Superset of Existing 24-pin PAL®
    and FPLA Devices
• APPLICATIONS INCLUDE:
    — Sequencers
    — State Machine Control
    — Multiple PLD Device Integration




Similar Part No. - GAL6001

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL6002 LATTICE-GAL6002 Datasheet
244Kb / 16P
High Performance E2CMOS FPLA Generic Array Logic
GAL6002B-15LJ LATTICE-GAL6002B-15LJ Datasheet
244Kb / 16P
High Performance E2CMOS FPLA Generic Array Logic
GAL6002B-15LP LATTICE-GAL6002B-15LP Datasheet
244Kb / 16P
High Performance E2CMOS FPLA Generic Array Logic
GAL6002B-20LJ LATTICE-GAL6002B-20LJ Datasheet
244Kb / 16P
High Performance E2CMOS FPLA Generic Array Logic
GAL6002B-20LP LATTICE-GAL6002B-20LP Datasheet
244Kb / 16P
High Performance E2CMOS FPLA Generic Array Logic
More results


Similar Description - GAL6001

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
High Performance E2CMOS PLD Generic Array Logic
GAL6002 LATTICE-GAL6002 Datasheet
244Kb / 16P
High Performance E2CMOS FPLA Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
High Performance E2CMOS PLD Generic Array Logic?
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
High Performance E2CMOS PLD Generic Array Logic?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com