Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAL6002 Datasheet (PDF) - Lattice Semiconductor

GAL6002 Datasheet PDF - Lattice Semiconductor
Part # GAL6002
Download  GAL6002 Download
File Size   244.03 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS FPLA Generic Array Logic

GAL6002 Datasheet (PDF)

Go To PDF Page Download Datasheet
GAL6002 Datasheet PDF - Lattice Semiconductor

Part # GAL6002
Download  GAL6002 Click to download

File Size   244.03 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS FPLA Generic Array Logic

GAL6002 Datasheet (HTML) - Lattice Semiconductor


GAL6002 Product details

Description
Having an FPLA architecture, the GAL6002 provides superior flexibility in state-machine design. The GAL6002 offers the highest degree of functional integration, flexibility, and speed currently available in a 24-pin, 300-mil package. E2CMOS technology offers high speed (<100ms) erase times, providing the ability to reprogram or reconfigure the device quickly and efficiently.

Features
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
    — 15ns Maximum Propagation Delay
    — 75MHz Maximum Frequency
    — 6.5ns Maximum Clock to Output Delay
    — TTL Compatible 16mA Outputs
    — UltraMOS® Advanced CMOS Technology
• ACTIVE PULL-UPS ON ALL PINS
• LOW POWER CMOS
    — 90mA Typical Icc
• E2 CELL TECHNOLOGY
    — Reconfigurable Logic
    — Reprogrammable Cells
    — 100% Tested/100% Yields
    — High Speed Electrical Erasure (<100ms)
    — 20 Year Data Retention
• UNPRECEDENTED FUNCTIONAL DENSITY
    — 78 x 64 x 36 FPLA Architecture
    — 10 Output Logic Macrocells
    — 8 Buried Logic Macrocells
    — 20 Input and I/O Logic Macrocells
• HIGH-LEVEL DESIGN FLEXIBILITY
    — Asynchronous or Synchronous Clocking
    — Separate State Register and Input Clock Pins
    — Functional Superset of Existing 24-pin PAL®
    and FPLA Devices
• APPLICATIONS INCLUDE:
    — Sequencers
    — State Machine Control
    — Multiple PLD Device Integration




Similar Part No. - GAL6002

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL6001 LATTICE-GAL6001 Datasheet
234Kb / 15P
High Performance E2CMOS FPLA Generic Array Logic
GAL6001B-30LJ LATTICE-GAL6001B-30LJ Datasheet
234Kb / 15P
High Performance E2CMOS FPLA Generic Array Logic
GAL6001B-30LP LATTICE-GAL6001B-30LP Datasheet
234Kb / 15P
High Performance E2CMOS FPLA Generic Array Logic
More results


Similar Description - GAL6002

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
High Performance E2CMOS PLD Generic Array Logic
GAL6001 LATTICE-GAL6001 Datasheet
234Kb / 15P
High Performance E2CMOS FPLA Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
High Performance E2CMOS PLD Generic Array Logic?
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
High Performance E2CMOS PLD Generic Array Logic?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com