Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78320 Datasheet (PDF) - NEC

UPD78320 Datasheet PDF - NEC
Part # UPD78320
Download  UPD78320 Download
File Size   479.99 Kbytes
Page   88 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLER

UPD78320 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD78320 Datasheet PDF - NEC

Part # UPD78320
Download  UPD78320 Click to download

File Size   479.99 Kbytes
Page   88 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLER

UPD78320 Datasheet (HTML) - NEC


UPD78320 Product details

DESCRIPTION
The µPD78322 is a 16-/8-bit single-chip microcontroller that incorporates a high-performance 16-bit CPU. The µPD78322 is one of 78K/III series.
A realtime pulse unit for realtime pulse control required in motor control, an A/D converter, a ROM, and a RAM have been integrated into one chip.
The µPD78322 incorporates 16K-byte mask ROM and 640-byte RAM.
The µPD78320 is provided as a ROM-less product of the µPD78322. Also, the µPD78P322 is provided as an on-chip PROM product.

FEATURES
• Internal 16-bit architecture and external 8-bit data bus
• High-speed processing by pipeline control and instruction prefetch
   • Minimum instruction execution time: 250 ns (with 16 MHz external clock in operation)
• Instruction set suitable for control operations (µPD78312 upward compatible)
   • Multiplication/division instruction (16 bits × 16 bits, 32 bits ÷ 16 bits)
   • Bit manipulation instruction
   • String instruction, etc.
• On-chip high-function interrupt controller
   • 3-level priority specifiable
   • 3-type interrupt servicing mode selectable
      (Vectored interrupt function, context switching function, and macro service function)
• Variety of peripheral hardware
   • Realtime pulse unit
   • 8-channel, 10-bit A/D converter
   • Watchdog timer
• Powerful serial interface (with an on-chip dedicated baud rate generator)
   • UART                                         ····· 1 channel
   • SBI (NEC Standard Serial Bus Interface)
   • 3-wire serial I/O                           ····· 1 channel

APPLICATIONS
• Motor control devices




Similar Part No. - UPD78320

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78320 RENESAS-UPD78320 Datasheet
656Kb / 90P
MOS INTEGRATED CIRCUIT
1989
UPD78320GF-3B9 RENESAS-UPD78320GF-3B9 Datasheet
656Kb / 90P
MOS INTEGRATED CIRCUIT
1989
UPD78320GJ-5BJ RENESAS-UPD78320GJ-5BJ Datasheet
656Kb / 90P
MOS INTEGRATED CIRCUIT
1989
UPD78320L RENESAS-UPD78320L Datasheet
656Kb / 90P
MOS INTEGRATED CIRCUIT
1989
More results


Similar Description - UPD78320

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78361A NEC-UPD78361A Datasheet
782Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784035 NEC-UPD784035 Datasheet
401Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038Y NEC-UPD78P4038Y Datasheet
435Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com