Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78361A Datasheet (PDF) - NEC

UPD78361A Datasheet PDF - NEC
Part # UPD78361A
Download  UPD78361A Download
File Size   782.73 Kbytes
Page   88 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLER

UPD78361A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD78361A Datasheet PDF - NEC

Part # UPD78361A
Download  UPD78361A Click to download

File Size   782.73 Kbytes
Page   88 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLER

UPD78361A Datasheet (HTML) - NEC


UPD78361A Product details

DESCRIPTION
µPD78362A is provided with a high-speed, high-performance CPU and powerful operation functions. Unlike the existing µPD78328, µPD78362A is also provided with a high-resolution PWM signal output function which substantially contributes to improving the performance of the inverter control.

FEATURES
• Internal 16-bit architecture, external 8-bit data bus
• High-speed processing by pipeline control method and high- speed operating clock
   ⋅ Minimum instruction execution time: 125 ns (internal clock: at 16 MHz, external clock: 8MHz)
• Real-time pulse unit for inverter control
• 10-bit resolution A/D converter: 8 channels
• 8-/9-/10-/12-bit resolution variable PWM signal output function: 2 channels
• Powerful serial interface: 2 channels
• Internal memory : ROM 32K bytes (µPD78361A)
                                         24K bytes (µPD78362A)
                                RAM 2K bytes (µPD78361A)
                                         768 bytes (µPD78362A)

APPLICATION EXAMPLES
• Inverter air conditioner
• Factory automation fields, such as industrial robots and machine tools.




Similar Part No. - UPD78361A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78361A RENESAS-UPD78361A Datasheet
638Kb / 90P
MOS INTEGRATED CIRCUIT
1996
UPD78361ACW-XXX RENESAS-UPD78361ACW-XXX Datasheet
638Kb / 90P
MOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD78361A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78320 NEC-UPD78320 Datasheet
479Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784035 NEC-UPD784035 Datasheet
401Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038Y NEC-UPD78P4038Y Datasheet
435Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com