Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD784031 Datasheet (PDF) - NEC

UPD784031 Datasheet PDF - NEC
Part # UPD784031
Download  UPD784031 Download
File Size   539.11 Kbytes
Page   86 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLER

UPD784031 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD784031 Datasheet PDF - NEC

Part # UPD784031
Download  UPD784031 Click to download

File Size   539.11 Kbytes
Page   86 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLER

UPD784031 Datasheet (HTML) - NEC


UPD784031 Product details

The µPD784031 is a product of the µPD784038 sub-series in the 78K/IV series. It contains various peripheral hardware such as RAM, I/O ports, 8-bit resolution A/D and D/A converters, timers, serial interface, and interrupt functions, as well as a high-speed, high-performance CPU. The µPD784031 is a ROM-less product of the µPD784035 and µPD784036.



Features

• Pin-compatible with the µPD78234, µPD784026, and µPD784038Y sub-series

• Minimum instruction execution time: 125 ns (at 32 MHz)

• Number of I/O ports: 46

• Serial interface: 3 channels

   UART/IOE (3-wire serial I/O): 2 channels

   CSI (3-wire serial I/O, 2-wire serial I/O): 1 channel

• PWM outputs: 2

• Timer/counters

  16-bit timer/counter ×3 units

  16-bit timer ×1 unit

• Standby function

  HALT/STOP/IDLE mode

• Clock frequency division function

• Watchdog timer: 1 channel

• A/D converter: 8-bit resolution ×8 channels

• D/A converter: 8-bit resolution ×2 channels

• Power supply voltage: VDD= 2.7 to 5.5 V




Similar Part No. - UPD784031

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031GC-3B9 NEC-UPD784031GC-3B9 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031GC-8BT NEC-UPD784031GC-8BT Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031GK-BE9 NEC-UPD784031GK-BE9 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - UPD784031

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78320 NEC-UPD78320 Datasheet
479Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78361A NEC-UPD78361A Datasheet
782Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784035 NEC-UPD784035 Datasheet
401Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038Y NEC-UPD78P4038Y Datasheet
435Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com