Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70320 Datasheet (PDF) - NEC

UPD70320 Datasheet PDF - NEC
Part # UPD70320
Download  UPD70320 Download
File Size   439.32 Kbytes
Page   74 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER

UPD70320 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD70320 Datasheet PDF - NEC

Part # UPD70320
Download  UPD70320 Click to download

File Size   439.32 Kbytes
Page   74 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER

UPD70320 Datasheet (HTML) - NEC


UPD70320 Product details

The µPD70320 (V25) is a single-chip microcontroller on which 16-bit CPU, RAM, serial interface, timer, DMA controller, interrupt controller, etc. are all integrated. The µPD70320 is compatible with the 8/16-bit microprocessor µPD70108/70116 (V20TM/V30TM) on the software level.

FEATURES
• Internal 16-bit architecture and external 8-bit data bus
• Compatible with µPD70108/70116 (in native mode) on software level (some instructions added)
• Minimum instruction cycle : 400 ns/5 MHz (µPD70320) 250 ns/8 MHz (µPD70320-8)
• On-chip RAM : 256 words × 8 bits
• Input port (port T) with comparator : 8 bits
• I/O lines (input port : 4 bits, input/output port : 20 bits)
• Serial interface (internal dedicated baud rate generator) : 2 channels Asynchronous mode and I/O interface mode
• Interrupt controller
    • Programmable priority (8 levels)
    • Vectored interrupt function
    • Register bank switching function
    • Macro service function
• DRAM and pseudo SRAM refreshing functions
• DMA controller : 2 channels
• 16-bit timer : 2 channels
• Time base counter
• On-chip clock generator
• Programmable wait function
• Standby function (STOP/HALT)




Similar Part No. - UPD70320

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70320 RENESAS-UPD70320 Datasheet
489Kb / 76P
MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD703201 NEC-UPD703201 Datasheet
797Kb / 98P
32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703201GC-XXX-8EU NEC-UPD703201GC-XXX-8EU Datasheet
797Kb / 98P
32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703201Y NEC-UPD703201Y Datasheet
797Kb / 98P
32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703201YGC-XXX-8EU NEC-UPD703201YGC-XXX-8EU Datasheet
797Kb / 98P
32-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - UPD70320

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78320 NEC-UPD78320 Datasheet
479Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78361A NEC-UPD78361A Datasheet
782Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784035 NEC-UPD784035 Datasheet
401Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038Y NEC-UPD78P4038Y Datasheet
435Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com