Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70320 Datasheet(PDF) 1 Page - NEC

Part # UPD70320
Description  V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70320 Datasheet(HTML) 1 Page - NEC

  UPD70320 Datasheet HTML 1Page - NEC UPD70320 Datasheet HTML 2Page - NEC UPD70320 Datasheet HTML 3Page - NEC UPD70320 Datasheet HTML 4Page - NEC UPD70320 Datasheet HTML 5Page - NEC UPD70320 Datasheet HTML 6Page - NEC UPD70320 Datasheet HTML 7Page - NEC UPD70320 Datasheet HTML 8Page - NEC UPD70320 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
©
1996
DATA SHEET
The
µPD70320 (V25) is a single-chip microcontroller on which 16-bit CPU, RAM, serial interface, timer, DMA
controller, interrupt controller, etc. are all integrated. The
µPD70320 is compatible with the 8/16-bit microprocessor
µPD70108/ 70116 (V20TM/V30TM) on the software level.
The details of the functions are described in the following User's Manuals. Be sure to read it before starting
design.
• V25, V35TM User's Manual — Hardware
: IEM-1220
• V25, V35 Family User's Manual — Instructions : U12120J (Japanese version)
FEATURES
• Internal 16-bit architecture and external 8-bit data bus
• Compatible with
µPD70108/ 70116 (in native mode) on software level (some instructions added)
• Minimum instruction cycle : 400 ns/5 MHz (
µPD70320)
250 ns/8 MHz (
µPD70320-8)
• On-chip RAM : 256 words
× 8 bits
• Input port (port T) with comparator : 8 bits
• I/O lines (input port : 4 bits, input/output port : 20 bits)
• Serial interface (internal dedicated baud rate generator) : 2 channels
Asynchronous mode and I/O interface mode
• Interrupt controller
• Programmable priority (8 levels)
• Vectored interrupt function
• Register bank switching function
• Macro service function
• DRAM and pseudo SRAM refreshing functions
• DMA controller : 2 channels
• 16-bit timer : 2 channels
• Time base counter
• On-chip clock generator
• Programmable wait function
• Standby function (STOP/HALT)
MOS INTEGRATED CIRCUIT
V25TM
16/8-BIT SINGLE-CHIP MICROCONTROLLER
The information in this document is subject to change without notice.
The mark
shows major revised points.
µPD70320
1995
Document No. U10090EJ8V0DS00 (8th edition)
Date Published November 1997 N
Printed in Japan


Similar Part No. - UPD70320

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70320 RENESAS-UPD70320 Datasheet
489Kb / 76P
MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD703201 NEC-UPD703201 Datasheet
797Kb / 98P
32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703201GC-XXX-8EU NEC-UPD703201GC-XXX-8EU Datasheet
797Kb / 98P
32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703201Y NEC-UPD703201Y Datasheet
797Kb / 98P
32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703201YGC-XXX-8EU NEC-UPD703201YGC-XXX-8EU Datasheet
797Kb / 98P
32-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD70320

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78320 NEC-UPD78320 Datasheet
479Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78361A NEC-UPD78361A Datasheet
782Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784035 NEC-UPD784035 Datasheet
401Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038Y NEC-UPD78P4038Y Datasheet
435Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com