Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXTN26070CY Datasheet (PDF) - Diodes Incorporated

DXTN26070CY Datasheet PDF - Diodes Incorporated
Part # DXTN26070CY
Download  DXTN26070CY Download
File Size   249.44 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 70V NPN POWER SWITCHING TRANSISTOR IN SOT89

DXTN26070CY Datasheet (PDF)

Go To PDF Page Download Datasheet
DXTN26070CY Datasheet PDF - Diodes Incorporated

Part # DXTN26070CY
Download  DXTN26070CY Click to download

File Size   249.44 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 70V NPN POWER SWITCHING TRANSISTOR IN SOT89

DXTN26070CY Datasheet (HTML) - Diodes Incorporated


DXTN26070CY Product details

Features
• BVCEO > 70V
• IC = 2A High Continuous Collector Current
• ICM Up to 4A Peak Pulse Current
• 2W Power Dissipation
• Low Saturation Voltage <300 mV @ 1A
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - DXTN26070CY

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTN26070CY DIODES-DXTN26070CY_15 Datasheet
254Kb / 7P
70V NPN POWER SWITCHING TRANSISTOR IN SOT89
Rev 1
More results


Similar Description - DXTN26070CY

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX619 ZETEX-FCX619_03 Datasheet
1Mb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX617 DIODES-FCX617 Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX688B DIODES-FCX688B Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX690B DIODES-FCX690B Datasheet
96Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
MARCH 1999
FCX1047A DIODES-FCX1047A Datasheet
68Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
FCX688BTA DIODES-FCX688BTA Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
logo
List of Unclassifed Man...
FCX617TA ETC2-FCX617TA Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
DXTN26070CY DIODES-DXTN26070CY_15 Datasheet
254Kb / 7P
70V NPN POWER SWITCHING TRANSISTOR IN SOT89
Rev 1
FCX617 DIODES-FCX617_15 Datasheet
87Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX688B DIODES-FCX688B_15 Datasheet
89Kb / 3P
SOT89 NPN SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com