Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7561 Datasheet (PDF) - LSI Computer Systems

LS7561 Datasheet PDF - LSI Computer Systems
Part # LS7561
Download  LS7561 Download
File Size   97.91 Kbytes
Page   8 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description BRUSHLESS DC MOTOR CONTROLLER

LS7561 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS7561 Datasheet PDF - LSI Computer Systems

Part # LS7561
Download  LS7561 Click to download

File Size   97.91 Kbytes
Page   8 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description BRUSHLESS DC MOTOR CONTROLLER

LS7561 Datasheet (HTML) - LSI Computer Systems


LS7561 Product details

GENERAL DESCRIPTION

The LS7560/LS7561 are CMOS integrated circuits designed to control three or four phase brushless DC motors in a closed or open loop configuration. The IC consists of a decoder which provides proper commutation sequencing, a frequency-to pulse width converter and error amplifier for closed loop motor speed control, a PWM comparator and sawtooth oscillator for external driver power control and a 5.5V reference generator for supplying power to motor sensors. Also included is Fault detection and indication, overcurrent sensing, dynamic motor braking, forward/reverse input, sensor spacing selections and an enable input control. The overcurrent sense condition will disable all output drivers when using the LS7560 and only the bottom drivers when using the LS7561.



FEATURES

• Open loop motor control

• Tachometer output for closed loop motor control

• Error Amplifier and PWM Speed Comparator with full accessibility

• High noise immunity Schmitt Triggers on Sensor inputs

• 5.5V Reference Supply for external sensors

• Cycle-by-cycle current sensing

• Static, or current limited dynamic, motor braking

• Output enable delay on speed direction reversal

• Enable input with fault sensing capability

• Fault Indicator output

• 60°/300° or 120°/240° electrical sensor spacing selection

• Selectable PWM of top and bottom drivers or bottom drivers only

• CMOS compatible motor outputs with drive capability

• Selectable top driver polarity

• Low power dissipation

• +10V to +18V operation (VDD-Vss)

• LS7560, LS7561 (DIP); LS7560-SD, LS7561-SD (Skinny DIP);

LS7560-S, LS7561-S (SOIC); LS7560-TS, LS7561-TS (TSSOP)

 




Similar Part No. - LS7561

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7561N LSI-LS7561N Datasheet
120Kb / 8P
BRUSHLESS DC MOTOR CONTROLLER
More results


Similar Description - LS7561

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
Brushless DC Motor Controller
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
Brushless DC Motor Controller
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
BRUSHLESS DC MOTOR CONTROLLER
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC2625-EP TI-UC2625-EP Datasheet
561Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
BRUSHLESS DC MOTOR CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com