Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7561 Datasheet(PDF) 8 Page - LSI Computer Systems

Part # LS7561
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7561 Datasheet(HTML) 8 Page - LSI Computer Systems

  LS7561 Datasheet HTML 1Page - LSI Computer Systems LS7561 Datasheet HTML 2Page - LSI Computer Systems LS7561 Datasheet HTML 3Page - LSI Computer Systems LS7561 Datasheet HTML 4Page - LSI Computer Systems LS7561 Datasheet HTML 5Page - LSI Computer Systems LS7561 Datasheet HTML 6Page - LSI Computer Systems LS7561 Datasheet HTML 7Page - LSI Computer Systems LS7561 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TABLE 1. OUTPUT COMMUTATION SEQUENCE FOR THREE PHASE OPERATION
LS7560
SENSOR ELECTRICAL
SEPARATION
TOP
BOTTOM
60°
120°
DRIVERS
DRIVERS
S1, S2, S3
S1, S2, S3
F/R
EN
BRK
OCS
O1, O2, O3 O4, O5, O6 FAULT
0 0 0
0 0 1
1
1
0
0
0 1 1
0 1 0
1
1 0 0
1 0 1
1
1
0
0
1 1 0
0 1 0
1
1 1 0
1 0 0
1
1
0
0
1 1 0
1 0 0
1
1 1 1
1 1 0
1
1
0
0
1 0 1
1 0 0
1
0 1 1
0 1 0
1
1
0
0
1 0 1
0 0 1
1
0 0 1
0 1 1
1
1
0
0
0 1 1
0 0 1
1
0 1 0
0 0 0
X
X
0
X
1 1 1
0 0 0
0
1 0 1
1 1 1
X
X
0
X
1 1 1
0 0 0
0
0 0 0
0 0 1
0
1
0
0
1 0 1
1 0 0
1
1 0 0
1 0 1
0
1
0
0
1 0 1
0 0 1
1
1 1 0
1 0 0
0
1
0
0
0 1 1
0 0 1
1
1 1 1
1 1 0
0
1
0
0
0 1 1
0 1 0
1
0 1 1
0 1 0
0
1
0
0
1 1 0
0 1 0
1
0 0 1
0 1 1
0
1
0
0
1 1 0
1 0 0
1
0 1 0
0 0 0
X
X
0
X
1 1 1
0 0 0
0
1 0 1
1 1 1
X
X
0
X
1 1 1
0 0 0
0
X X X
X X X
X
X
1
X
1 1 1
1 1 1
1
X X X
X X X
X
X
0
1
1 1 1
0 0 0
0
X X X
X X X
X
0
0
X
1 1 1
0 0 0
0
NOTE 1: This Table assumes the TOP DRIVER POLARITY SELECT (Pin 20) = Logic 0. For Pin 20 = Logic 1,
invert the polarity of the top drivers.
NOTE 2: For the LS7561, the OVERCURRENT SENSE = Logic 1 only forces the bottom drivers to a Logic 0.
It has no effect on the top driver outputs which are determined by the other inputs as shown in the table.
EN = ENABLE
BRK = BRAKE
OCS = OVER
CURRENT
SENSE
TABLE 2. OUTPUT COMMUTATION SEQUENCE FOR FOUR PHASE OPERATION
LS7560
SENSOR ELECTRICAL
SEPARATION = 90°
TOP
BOTTOM
DRIVERS
DRIVERS
S1
S2, S3
F/R
EN
BRK
OCS
O1, O3
O4, O6
FAULT
0
0
1
1
0
0
1
0
0
0
1
1
0
1
1
0
0
0
1
0
0
1
1
1
1
1
0
0
0
0
1
0
1
0
1
1
1
0
0
0
0
0
1
1
0
0
0
1
0
0
0
0
1
0
1
1
0
0
1
0
0
0
0
0
1
1
1
1
0
1
0
0
1
0
0
0
1
0
1
0
1
0
0
0
1
0
0
1
X
X
X
X
1
X
0
0
1
1
1
X
X
X
X
0
1
0
0
0
0
0
X
X
X
0
0
X
0
0
0
0
0
NOTE 1: SEQUENCE Input (Pin 1) set at a Logic 1.
NOTE 2: This Table assumes theTOP DRIVER POLARITY SELECT (Pin 20) = Logic 1. For Pin 20 = Logic 0, invert the
polarity of the top drivers.
NOTE 3: For the LS7561, the OVERCURRENT SENSE = Logic 1 only forces the bottom drivers to a Logic 0. It has no
effect on the Top Driver Outputs which are determined by the other inputs as shown on the table.
EN = ENABLE
BRK = BRAKE
OCS = OVER
CURRENT
SENSE
7560-102597-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com