Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7561 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7561
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7561 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7561 Datasheet HTML 1Page - LSI Computer Systems LS7561 Datasheet HTML 2Page - LSI Computer Systems LS7561 Datasheet HTML 3Page - LSI Computer Systems LS7561 Datasheet HTML 4Page - LSI Computer Systems LS7561 Datasheet HTML 5Page - LSI Computer Systems LS7561 Datasheet HTML 6Page - LSI Computer Systems LS7561 Datasheet HTML 7Page - LSI Computer Systems LS7561 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BRUSHLESS DC MOTOR CONTROLLER
GENERAL DESCRIPTION
The LS7560/LS7561 are CMOS integrated circuits designed to
control three or four phase brushless DC motors in a closed or
open loop configuration. The IC consists of a decoder which
provides proper commutation sequencing, a frequency-to-
pulse width converter and error amplifier for closed loop motor
speed control, a PWM comparator and sawtooth oscillator for
external driver power control and a 5.5V reference generator
for supplying power to motor sensors. Also included is Fault
detection and indication, overcurrent sensing, dynamic motor
braking, forward/reverse input, sensor spacing selections and
an enable input control. The overcurrent sense condition will
disable all output drivers when using the LS7560 and only the
bottom drivers when using the LS7561.
The IC operates from 10V to 18V and provides CMOS com-
patible outputs for interfacing with external power devices.
Operating below 10V will activate a Fault Indication Output
and disable all Output Drivers.
INPUT/OUTPUT DESCRIPTION: (See Figure 2)
SEQUENCE SELECT Input (Pin 1 )
A High on this input selects 60°/300° and a Low selects 120°/
240° electrical sensor separation. Use of a 300° or 240° motor
will cause opposite direction rotation as compared to a 60° or
120° motor.
F/R Input (Pin 27)
A High on this input selects Forward direction and a Low se-
lects Reverse direction. The motor drive outputs are disabled
for 2 clock cycles at the onset of a direction change.
July 2002
7560-030599-1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
FIGURE 1. PIN CONNECTION DIAGRAM
SEQUENCE SELECT
ENABLE
FAULT INDICATOR
RC
TACHOMETER OUT
ERROR AMP (+)
ERROR AMP (-)
OSCILLATOR
ERROR AMP OUT
CURRENT SENSE (+)
CURRENT SENSE (-)
OUT 6
OUT 5
OUT 4
OUT 3
OUT 2
OUT 1
V SS (-V)
V R
TOP DRIVER POLARITY SELECT
PWM CONTROL
BRAKE SELECT
BRAKE
S1
S2
S3
F/R
V DD (+V)
HALL
SENSORS
TOP VIEW
S1, S2, S3 Inputs (Pins 24, 25, 26)
Hall Sensor inputs which are decoded to determine the Motor
Commutation Sequence. An invalid input code disables all motor
outputs. Inputs have Schmitt Trigger buffers for noise immunity.
BRAKE Input (Pin 23)
With the BRAKE SELECT input Low, a High on the BRAKE input
forces the Top Drivers to an OFF condition and the Bottom Drivers
to a PWM ON condition. If the Motor is under Closed Loop control,
the Loop is automatically opened and the error amplifier output is
connected to the Error Amp (-) input. By controlling the voltage at
teh Error Amp (+) input, the PWM duty cycle is controlled during
braking. This manner of braking prevents the Bottom Motor Drivers
from drawing excessive current, a condition which can occur during
normal braking, when the Bottom Drivers are turned ON un-
conditionally. With the BRAKE SELECT input High, a High on the
BRAKE input unconditionally causes the Top Drivers to turn OFF
and the Bottom Drivers to turn ON. The BRAKE function has prior-
ity over all other functions.
BRAKE SELECT Input (Pin 22)
A Low on this input selects PWM control of braking and a High se-
lects unconditional braking.
ENABLE Input (Pin 2)
When the ENABLE input is above VR/2, all Output Drivers are en-
abled and when it is below VR/2.2, all Output Drivers are disabled.
This input has a nominal hysteresis of .05VR, where VR is the inter-
nally generated Reference Voltage available on Pin 19. Because
the ENABLE input is level sensitive, it can easily be used to control
operation of the IC based on an Analog Fault Condition.
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
UL
®
A3800
FEATURES
• Open loop motor control
• Tachometer output for closed loop motor control
• Error Amplifier and PWM Speed Comparator with full accessibility
• High noise immunity Schmitt Triggers on Sensor inputs
• 5.5V Reference Supply for external sensors
• Cycle-by-cycle current sensing
• Static, or current limited dynamic, motor braking
• Output enable delay on speed direction reversal
• Enable input with fault sensing capability
• Fault Indicator output
• 60°/300° or 120°/240° electrical sensor spacing selection
• Selectable PWM of top and bottom drivers or bottom drivers only
• CMOS compatible motor outputs with drive capability
• Selectable top driver polarity
• Low power dissipation
• +10V to +18V operation (VDD-Vss)
• LS7560, LS7561 (DIP); LS7560-SD, LS7561-SD (Skinny DIP);
LS7560-S, LS7561-S (SOIC); LS7560-TS, LS7561-TS (TSSOP)
See Figure 1
LS7560
LS7561


Similar Part No. - LS7561

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7561N LSI-LS7561N Datasheet
120Kb / 8P
BRUSHLESS DC MOTOR CONTROLLER
More results

Similar Description - LS7561

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
Brushless DC Motor Controller
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
Brushless DC Motor Controller
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
BRUSHLESS DC MOTOR CONTROLLER
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC2625-EP TI-UC2625-EP Datasheet
561Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com