Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7561 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7561
Description  BRUSHLESS DC MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7561 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7561 Datasheet HTML 1Page - LSI Computer Systems LS7561 Datasheet HTML 2Page - LSI Computer Systems LS7561 Datasheet HTML 3Page - LSI Computer Systems LS7561 Datasheet HTML 4Page - LSI Computer Systems LS7561 Datasheet HTML 5Page - LSI Computer Systems LS7561 Datasheet HTML 6Page - LSI Computer Systems LS7561 Datasheet HTML 7Page - LSI Computer Systems LS7561 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7560-120497-5
7
8
6
19
9
V R
OSC
ERROR AMP(-)
ERROR AMP
OUT
ERROR AMP(+)
RT
CT
FIGURE 5. OPEN LOOP CONTROLLER
FIGURE 5. In this configuration, the PWM output
duty cycle to the motor drivers is directly pro-
portional to the DC voltage applied to Pin 6, since
Pins 7 and 8 are tied together.
OUT6
OUT5
OUT4
12
13
14
10
11
V M
ENABLE
BRAKE
23
2
R
C
V R
FIGURE 4. THREE PHASE HALF WAVE MOTOR CONTROLLER
19
(+)
(-)
OVERCURRENT
SENSE
V R
24
25
26
27
21
20
22
15
16
17
14
13
12
10
11
5
7
8
6
9
4
3
28
18
19
2
1
23
ROTOR
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
S1
S2
S3
F/R
PWM CNTRL
TOP DRV
POL SEL
BRAKE SEL
BRAKE
OVERCURRENT
SENSE
SEQ SEL
TACH OUT
ENABLE
ERROR
AMP
OSC
RC
V R
V SS
V DD
FAULT
V M
V M
FIGURE 3. THREE PHASE CLOSED LOOP FULL WAVE MOTOR CONTROLLER
CS
V R
CT
RT
10K
R2
100K
C1
0.1µF
*
*
*R1
TYPICAL
VALUES
*
1.0M
*
V R
S1
S2
S3
(-)
OUT
(+)
S1
S2
S3
Rs
(+)
(-)
R3
* *
FIGURE 3. The closed loop mo-
tor control operation is achieved
by applying the
Tachometer
Output at Pin 5 into the negative
terminal of the Error Amplifier
(Pin 7) through an R1-C1-R2 in-
tegrating network. The R1-C1
network is configured as a feed-
back circuit around the amplifier.
Since the Tachometer Output
has a fixed positive pulse width,
the average value of the pulse
train is directly proportional to
the
motor speed. The desired
speed is selected by applying a
voltage at the positive input
(Pin 6) of the Error Amplifier.
The resultant output voltage of
the Error Amplifier is applied to
an internal Comparator along
with a ramp waveform gener-
ated by the RC Network at Pin
9. The PWM signal at the Com-
parator output is used to drive
outputs 1 thru 6 and complete
the closed loop.
For this con-
figuration, Pin 20, the Top Driver
Polarity Select must be tied to
Ground.
FIGURE 4. This three phase half wave motor controller has no top power tran-
sistor to disconnect the windings from the power supply when the BRAKE is ap-
plied. Instead, a switching transistor is used which will permit braking for a time
determined by the RC time constant. When the capacitor discharges past the
ENABLE input switching point, the outputs will be turned off.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com