Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A513 Datasheet (PDF) - Tyco Electronics

A513 Datasheet PDF - Tyco Electronics
Part # A513
Download  A513 Download
File Size   98.05 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER

A513 Datasheet (PDF)

Go To PDF Page Download Datasheet
A513 Datasheet PDF - Tyco Electronics

Part # A513
Download  A513 Click to download

File Size   98.05 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER

A513 Datasheet (HTML) - Tyco Electronics


A513 Product details

Description
The A513 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network is used for temperaturestable performance, in addition to an RF Choke, used for power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH LINEARITY IP3: +30 dBm (TYP.)
                                IP2: +50 dBm (TYP.)
• HIGH GAIN: 20 dB (TYP.)
• LOW VSWR: 1.4:1 (TYP.)




Similar Part No. - A513

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A513 MACOM-A513 Datasheet
372Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
A513-SMA513 MA-COM-A513-SMA513 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
MicroPower Direct, LLC
A513ERW MPD-A513ERW Datasheet
187Kb / 2P
Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
A513RHI MPD-A513RHI Datasheet
834Kb / 2P
Very High Isolation, 5W Single & Dual Output DC/DC Converters
More results


Similar Description - A513

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A83 MACOM-A83 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
Teledyne Technologies I...
AC580 TELEDYNE-AC580 Datasheet
175Kb / 2P
10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC583 TELEDYNE-AC583 Datasheet
174Kb / 2P
10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AP560 TELEDYNE-AP560 Datasheet
186Kb / 2P
10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AP561 TELEDYNE-AP561 Datasheet
182Kb / 2P
10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com