Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-108PIN Datasheet (PDF) - Tyco Electronics

MD-108PIN Datasheet PDF - Tyco Electronics
Part # MD-108PIN
Download  MD-108PIN Download
File Size   200.25 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Double-Balanced Mixer, 5 - 500 MHz

MD-108PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
MD-108PIN Datasheet PDF - Tyco Electronics

Part # MD-108PIN
Download  MD-108PIN Click to download

File Size   200.25 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Double-Balanced Mixer, 5 - 500 MHz

MD-108PIN Datasheet (HTML) - Tyco Electronics


MD-108PIN Product details

Description

Transformers convert the LO and RF paths to balanced lines connecting to a low barrier, Schottky diode ring quad. These transformers help provide excellent isolation between ports. Conversion Loss is low. The direct connection of the IF port to the diode quad allows these mixers to be used as phase detectors and bi-phase modulators.



Features

•  Low Cost

•  Conversion Loss: 7 dB Typical

•  Impedance: 50 Ohms Nominal

•  Maximum Input Power: 400 mW max. @ 25°C, Derated linearly to 85°C @ 3.2 mW/°C

•  IF Port Current: 50 mA Max.

•  MIL-STD-883 Screening Available




Similar Part No. - MD-108PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer
MD-108 MA-COM-MD-108_15 Datasheet
63Kb / 3P
Double-Balanced Mixer
More results


Similar Description - MD-108PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-124 MACOM-MD-124 Datasheet
192Kb / 2P
Double-Balanced Mixer, 500 KHz - 500 MHz
MD-158 MACOM-MD-158 Datasheet
202Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MD20-0016-S MACOM-MD20-0016-S Datasheet
21Kb / 1P
Double Balanced Mixer 0.5 - 500 MHz
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
Double Balanced Mixer 5 - 1500 MHz
logo
SIRENZA MICRODEVICES
CM-1H8 SIRENZA-CM-1H8 Datasheet
137Kb / 2P
Miniature High Level Double Balanced Mixer 5-500 MHz
logo
Tyco Electronics
MAC-51 MACOM-MAC-51 Datasheet
120Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
Double-Balanced Mixer, 5 - 500 MHz
MD-158 MA-COM-MD-158 Datasheet
70Kb / 3P
Double-Balanced Mixer, 5 - 1500 MHz
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
Surface Mount Double-Balanced Mixer, 10 - 500 MHz
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
TO-5 Double-Balanced Mixer, 5 - 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com