Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENA1925A Datasheet (PDF) - ON Semiconductor

ENA1925A Datasheet PDF - ON Semiconductor
Part # ENA1925A
Download  ENA1925A Download
File Size   403.41 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3

ENA1925A Datasheet (PDF)

Go To PDF Page Download Datasheet
ENA1925A Datasheet PDF - ON Semiconductor

Part # ENA1925A
Download  ENA1925A Click to download

File Size   403.41 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3

ENA1925A Datasheet (HTML) - ON Semiconductor


ENA1925A Product details

RF Transistor
12V, 30mA, fT=8GHz, NPN Single MCPH3

Features
• Low-noise use : NF=1.2dB typ (f=1GHz)
• High cut-off frequency : fT=8GHz typ (VCE=5V)
• High gain : |S21e|2=12dB typ (f=1GHz)
• Halogen free compliance




Similar Part No. - ENA1925A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1929-D SANYO-ENA1929-D Datasheet
119Kb / 14P
Forward/Reverse Motor Driver
ENA1929A SANYO-ENA1929A Datasheet
119Kb / 14P
Forward/Reverse Motor Driver
More results


Similar Description - ENA1925A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2012Z DIODES-ZXTR2012Z Datasheet
337Kb / 7P
100V INPUT, 12V 30mA REGULATOR TRANSISTOR
Rev 1
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
2SC5415A ONSEMI-2SC5415A Datasheet
296Kb / 8P
RF Transistor 12V, 100mA, fT=6.7GHz, NPN Single PCP
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
FH105A ONSEMI-FH105A Datasheet
479Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com