Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1984 Datasheet (PDF) - Maxim Integrated Products

MAX1984 Datasheet PDF - Maxim Integrated Products
Part # MAX1984
Download  MAX1984 Download
File Size   333.93 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-High-Efficiency White LED Drivers

MAX1984 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1984 Datasheet PDF - Maxim Integrated Products

Part # MAX1984
Download  MAX1984 Click to download

File Size   333.93 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-High-Efficiency White LED Drivers

MAX1984 Datasheet (HTML) - Maxim Integrated Products


MAX1984 Product details

General Description
The MAX1984/MAX1985/MAX1986 are white light-emitting diode (LED) drivers that use individual regulators to control the current of up to eight LEDs. A high-efficiency step-up regulator generates just enough voltage to keep all the current regulators in regulation. A versatile dimming interface accommodates analog, digitally adjusted pulse-width modulation (DPWM), or parallel control.

Features
♦ Synchronous Step-Up Regulator
    Achieves >95% Efficiency
    Internal Switch and Synchronous Rectifier
    Eliminates External MOSFETs and Diodes
    1MHz Fixed Frequency Minimizes Component Sizes
♦ Up to 90% Total LED Efficiency
♦ Accurate LED Current Matching (8% max)
♦ Adjustable Maximum LED Current
♦ Multimode Dimming Control
    Digital Pulse-Width Modulation Control
    2-Bit Parallel Control
    3-Bit Parallel Control
    Analog Control
♦ Selectively Enable LEDs
♦ Open-LED Detection
♦ Unique 0.5mA LED Test Mode
♦ 2.7V to 5.5V Input Supply Range
♦ Small 4mm x 4mm 20-Pin Thin QFN Package

Applications
    PDAs and Hand-Held PCs
    Cellular Phones
    Digital Cameras




Similar Part No. - MAX1984

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX198 MAXIM-MAX198 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX198 MAXIM-MAX198 Datasheet
205Kb / 8P
Jumper-Selectable Configuration
Rev 0; 2/96
MAX1980 MAXIM-MAX1980 Datasheet
1Mb / 33P
Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1980ETP MAXIM-MAX1980ETP Datasheet
1Mb / 33P
Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1981A MAXIM-MAX1981A Datasheet
21Kb / 1P
Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
More results


Similar Description - MAX1984

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5612 ONSEMI-NCP5612 Datasheet
102Kb / 11P
High Efficiency Ultra Small Thinnest White LED Driver
August, 2006 ??Rev. 0
NCP5602 ONSEMI-NCP5602 Datasheet
266Kb / 12P
High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Advanced Analog Technol...
AAT1236 AAT-AAT1236 Datasheet
1,016Kb / 24P
High Efficiency White LED Drivers for Backlight and Keypad
1236.2007.02.1.1
logo
Advanced Analogic Techn...
AAT1235 ANALOGICTECH-AAT1235 Datasheet
963Kb / 21P
High Efficiency White LED Drivers for Backlight and Keypad
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Taiwan Memory Technolog...
T6331A TMT-T6331A Datasheet
189Kb / 2P
The T6331A are integrated, high-efficiency white or RGB LED drivers.
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
WHITE LED DRIVERS
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com