Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1980 Datasheet (PDF) - Maxim Integrated Products

MAX1980 Datasheet PDF - Maxim Integrated Products
Part # MAX1980
Download  MAX1980 Download
File Size   1153.33 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter

MAX1980 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1980 Datasheet PDF - Maxim Integrated Products

Part # MAX1980
Download  MAX1980 Click to download

File Size   1153.33 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter

MAX1980 Datasheet (HTML) - Maxim Integrated Products


MAX1980 Product details

General Description
The MAX1980 step-down slave controller is intended for low-voltage, high-current, multiphase DC-DC applications. The MAX1980 slave controller can be combined with any of Maxim’s Quick-PWM™ step-down controllers to form a multiphase DC-DC converter. Existing Quick-PWM controllers, such as the MAX1718, function as the master controller, providing accurate output-voltage regulation, fast transient response, and fault protection features. Synchronized to the master’s low-side gate driver, the MAX1980 includes the Quick-PWM constant on-time controller, gate drivers for a synchronous rectifier, active current balancing, and precision current-limit circuitry.

Features
♦ Quick-PWM Slave Controller
♦ Precise, Active Current Balance (±1.25mV )
♦ Driver Disable Improves Light Load Efficiency
♦ Accurate, Adjustable Current-Limit Threshold
♦ Optimized for Low-Output Voltages (≤ 2V)
♦ 4V to 28V Battery Input Range
♦ Selectable 200kHz/300kHz/550kHz Switching Frequency
♦ Drive Large Synchronous-Rectifier MOSFETs
♦ 525µA (typ) ICC Supply Current
♦ 20µA Standby Supply Current
♦ Compact 20-Pin 5mm ✕ 5mm QFN and Thin QFN Packages

Applications
    Notebook Computers
    CPU Core Supply
    Single-Stage (BATT to VCORE) Converters
    Two-Stage (5V to VCORE) Converters
    Servers/Desktop Computers




Similar Part No. - MAX1980

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX198 MAXIM-MAX198 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX198 MAXIM-MAX198 Datasheet
205Kb / 8P
Jumper-Selectable Configuration
Rev 0; 2/96
MAX1981A MAXIM-MAX1981A Datasheet
21Kb / 1P
Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
MAX1981AETL MAXIM-MAX1981AETL Datasheet
21Kb / 1P
Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
More results


Similar Description - MAX1980

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
ams AG
AS8444 AMSCO-AS8444 Datasheet
45Kb / 1P
Programmable PWM DC Motor Driver / Controller
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
2Mb / 44P
Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
Richtek Technology Corp...
RT9288A RICHTEK-RT9288A Datasheet
289Kb / 13P
PWM Step-Up DC/DC Controller for White-LED Driver
logo
Linear Technology
LTC3855 LINER-LTC3855_15 Datasheet
2Mb / 44P
Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
Rohm
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
PWM Control Type DC/DC Converter IC for AC/DC Driver
BM1P10CFJ ROHM-BM1P10CFJ Datasheet
1Mb / 35P
PWM Controller IC for AC/DC Converter
03.Feb.2020 Rev.001
logo
Richtek Technology Corp...
RT4809 RICHTEK-RT4809 Datasheet
559Kb / 11P
DC-DC Boost Converter for PWM Controller
December 2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com