Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX198 Datasheet (PDF) - Maxim Integrated Products

MAX198 Datasheet PDF - Maxim Integrated Products
Part # MAX198
Download  MAX198 Download
File Size   165.65 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface

MAX198 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX198 Datasheet PDF - Maxim Integrated Products

Part # MAX198
Download  MAX198 Click to download

File Size   165.65 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface

MAX198 Datasheet (HTML) - Maxim Integrated Products


MAX198 Product details

General Description
The MAX196/MAX198 multirange, 12-bit data-acquisition systems (DAS) require only a single +5V supply for operation, yet convert analog signals at their inputs up to ±10V (MAX196) and ±4V (MAX198). These systems provide six analog input channels that are indepen dently software programmable for a variety of ranges:
±10V, ±5V, 0V to +10V, and 0V to +5V for the MAX196; ±VREF, ±VREF/2, 0V to +VREF, and 0V to +VREF/2 for the MAX198. This range switching increases the effective dynamic range to 14 bits and provides the flexibility to interface ±12V, ±15V, and 4mA to 20mA powered sensors to a single +5V system. In addition, these converters are fault protected to ±16.5V; a fault condition on any channel will notaffect the conversion result of the selected channel.
Other features include a 5MHz bandwidth track/hold, 100ksps throughput rate, software-selectable internal/external clock, internal/external acquisition control, 12-bit parallel interface, and internal 4.096V or external reference.

Features
♦ 12-Bit Resolution, 1/2LSB Linearity
♦ Single +5V Supply Operation
♦ Software-Selectable Input Ranges:
   ±10V, ±5V, 0V to +10V, 0V to +5V (MAX196)
   ±VREF, ±VREF/2, 0V to +VREF, 0V to +VREF/2
   (MAX198)
♦ Internal 4.096V or External Reference
♦ Fault-Protected Input Multiplexer
♦ 6 Analog Input Channels
♦ 6µs Conversion Time, 100ksps Sampling Rate
♦ Internal or External Acquisition Control
♦ Two Power-Down Modes
♦ Internal or External Clock

Applications
   Industrial-Control Systems
   Robotics
   Data-Acquisition Systems
   Automatic Testing Systems
   Medical Instruments
   Telecommunications




Similar Part No. - MAX198

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX198 MAXIM-MAX198 Datasheet
205Kb / 8P
Jumper-Selectable Configuration
Rev 0; 2/96
MAX1980 MAXIM-MAX1980 Datasheet
1Mb / 33P
Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1980ETP MAXIM-MAX1980ETP Datasheet
1Mb / 33P
Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1981A MAXIM-MAX1981A Datasheet
21Kb / 1P
Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
MAX1981AETL MAXIM-MAX1981AETL Datasheet
21Kb / 1P
Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
More results


Similar Description - MAX198

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX127 MAXIM-MAX127 Datasheet
124Kb / 16P
Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
24-bit bus exchange switch with 12-bit output enables
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
12-Bit DAC with SPI??Interface
2004
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
logo
Maxim Integrated Produc...
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
logo
NXP Semiconductors
CBT16211 PHILIPS-CBT16211_15 Datasheet
82Kb / 8P
24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
Nexperia B.V. All right...
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
24-bit bus switch with 12-bit output enables
2001 Jun 13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com