Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1981A Datasheet (PDF) - Maxim Integrated Products

MAX1981A Datasheet PDF - Maxim Integrated Products
Part # MAX1981A
Download  MAX1981A Download
File Size   21.36 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)

MAX1981A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1981A Datasheet PDF - Maxim Integrated Products

Part # MAX1981A
Download  MAX1981A Click to download

File Size   21.36 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)

MAX1981A Datasheet (HTML) - Maxim Integrated Products


MAX1981A Product details

General Description
The MAX1907A/MAX1981A are single-phase, Quick-PWM™ master controllers for IMVP-IV™ CPU core supplies. Multi-phase operation is achieved using a Quick-PWM slave controller (MAX1980). Multiphase operation reduces input ripple current requirements and output voltage ripple while easing component selection and layout difficulties.

Features
♦ Quick-PWM Master Controllers
♦ Multiphase Conversion with Slave Controller
   (MAX1980)
♦ Active Voltage Positioning with Adjustable Gain
   and Offset
♦ Adjustable Slew Rate Control
♦ ±0.75% VOUT Accuracy Over Line, Load, and
   Temperature
♦ 6-Bit On-Board DAC (16mV Increments)
♦ 0.700V to 1.708V Output Adjust Range
♦ Selectable 200kHz/300kHz/550kHz/1000kHz
   Switching Frequency
♦ 2V to 28V Battery Input Voltage Range
♦ Drive Large Synchronous Rectifier MOSFETs
♦ Output Overvoltage Protection (MAX1907A Only)
♦ Undervoltage and Thermal Fault Protection
♦ Power Sequencing and Selectable Boot Voltage
♦ Low-Profile 40-Pin Thin QFN, 6mm ✕ 6mm
   Package

Applications
   IMVP-IV™ Notebook Computers
   Single-Phase CPU Core Supply
   Multiphase CPU Core Supply
   Voltage-Positioned Step-Down Converters
   Servers/Desktop Computers




Similar Part No. - MAX1981A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX198 MAXIM-MAX198 Datasheet
165Kb / 16P
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX198 MAXIM-MAX198 Datasheet
205Kb / 8P
Jumper-Selectable Configuration
Rev 0; 2/96
MAX1980 MAXIM-MAX1980 Datasheet
1Mb / 33P
Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1980ETP MAXIM-MAX1980ETP Datasheet
1Mb / 33P
Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
More results


Similar Description - MAX1981A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1544 MAXIM-MAX1544 Datasheet
904Kb / 42P
Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
19-2745; Rev 1; 9/03
MAX1519 MAXIM-MAX1519 Datasheet
826Kb / 43P
Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Rev 1; 9/03
MAX17410 MAXIM-MAX17410 Datasheet
979Kb / 45P
Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Maxim Integrated Produc...
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com