Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3280 Datasheet (PDF) - Maxim Integrated Products

MAX3280 Datasheet PDF - Maxim Integrated Products
Part # MAX3280
Download  MAX3280 Download
File Size   218.96 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers

MAX3280 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3280 Datasheet PDF - Maxim Integrated Products

Part # MAX3280
Download  MAX3280 Click to download

File Size   218.96 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers

MAX3280 Datasheet (HTML) - Maxim Integrated Products


MAX3280 Product details

General Description

The MAX3280E/MAX3281E/MAX3283E/MAX3284E are single receivers designed for RS-485 and RS-422 communication. These devices guarantee data rates up to 52Mbps, even with a 3V power supply. Excellent propagation delay (15ns max) and package-to-package skew time (8ns max) make these devices ideal for multidrop clock distribution applications.



Features

♦ESD Protection:

  ±15kV–Human Body Model

  ±6kV–IEC 1000-4-2, Contact Discharge

  ±12kV–IEC 1000-4-2, Air-Gap Discharge

♦Guaranteed 52Mbps Data Rate

♦Guaranteed 15ns Receiver Propagation Delay

♦Guaranteed 2ns Receiver Skew

♦Guaranteed 8ns Package-to-Package Skew Time

♦VLPin for Connection to FPGAs/ASICs

♦Allow Up to 128 Transceivers on the Bus (1/4-unit-load)

♦Tiny SOT23 Package

♦True Fail-Safe Receiver

♦-7V to +12V Common-Mode Range

♦3V to 5.5V Power-Supply Range

♦Enable (High and Low) Pins for Redundant Operation

♦Three-State Output Stage (MAX3281E/MAX3283E)

♦Thermal Protection Against Output Short Circuit



Applications

Clock Distribution

Telecom Racks

Base Stations

Industrial Control

Local Area Networks




Similar Part No. - MAX3280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E Datasheet
316Kb / 11P
20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3280E MAXIM-MAX3280E Datasheet
247Kb / 10P
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3280E MAXIM-MAX3280E Datasheet
229Kb / 10P
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E Datasheet
1Mb / 11P
짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280EAUK MAXIM-MAX3280EAUK Datasheet
247Kb / 10P
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
More results


Similar Description - MAX3280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
November 13, 2007
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
February 18, 2008
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com