Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4490 Datasheet (PDF) - Maxim Integrated Products

MAX4490 Datasheet PDF - Maxim Integrated Products
Part # MAX4490
Download  MAX4490 Download
File Size   97.28 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, High-Slew-Rate, Rail-to-Rail I/O Op Amps in SC70

MAX4490 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4490 Datasheet PDF - Maxim Integrated Products

Part # MAX4490
Download  MAX4490 Click to download

File Size   97.28 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, High-Slew-Rate, Rail-to-Rail I/O Op Amps in SC70

MAX4490 Datasheet (HTML) - Maxim Integrated Products


MAX4490 Product details

General Description

The MAX4490/MAX4491/MAX4492 single/dual/quad, low-cost CMOS op amps feature Rail-to-Rail®input and

output capability from either a single +2.7V to +5.5V supply or dual ±1.35V to ±2.75V supplies. These ampli

fiers exhibit a high slew rate of 10V/µs and a gain-band width product of 10MHz. They can drive 2kΩresistive

loads to within 55mV of either supply rail and remain unity-gain stable with capacitive loads up to 300pF.



Features

♦+2.7V to +5.5V Single-Supply Operation

♦10V/µs Slew Rate

♦Rail-to-Rail Input Common-Mode Voltage Range

♦Rail-to-Rail Output Voltage Swing

♦10MHz Gain-Bandwidth Product

♦Unity-Gain Stable with Capacitive Loads Up to 300pF

♦50pA Input Bias Current

♦Ultra-Small, 5-Pin SC70 Package (MAX4490)



Applications

Battery-Powered Instruments

Portable Equipment

Audio Signal Conditioning

Low-Power/Low-Voltage Applications

Sensor Amplifiers

RF Power Amplifier Control

High-Side/Low-Side Current Sensors




Similar Part No. - MAX4490

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4493 MAXIM-MAX4493 Datasheet
435Kb / 11P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4493 MAXIM-MAX4493 Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493AUK+T MAXIM-MAX4493AUK+T Datasheet
625Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
MAX4493AUK-T MAXIM-MAX4493AUK-T Datasheet
435Kb / 11P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4493AUK-T MAXIM-MAX4493AUK-T Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
More results


Similar Description - MAX4490

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224 Datasheet
30Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1244 GMT-G1244 Datasheet
38Kb / 1P
Quad Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_06 Datasheet
271Kb / 6P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211 Datasheet
138Kb / 5P
RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1224 GMT-G1224_15 Datasheet
33Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com