Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4588 Datasheet (PDF) - Maxim Integrated Products

MAX4588 Datasheet PDF - Maxim Integrated Products
Part # MAX4588
Download  MAX4588 Download
File Size   306.04 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, High-Isolation, Dual 4-Channel RF/Video Multiplexer

MAX4588 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4588 Datasheet PDF - Maxim Integrated Products

Part # MAX4588
Download  MAX4588 Click to download

File Size   306.04 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, High-Isolation, Dual 4-Channel RF/Video Multiplexer

MAX4588 Datasheet (HTML) - Maxim Integrated Products


MAX4588 Product details

General Description

The MAX4588 low-voltage, dual 4-channel multiplexer is designed for RF and video signal processing at frequencies up to 180MHz in 50Ωand 75Ωsystems. A flexible digital interface allows control of on-chip functions through either a parallel interface or an SPI™/ MICROWIRE™ serial port. Each channel of the MAX4588 is designed using a “T” switch configuration, ensuring excellent high-frequency off-isolation. The MAX4588 has low on-resistance of 60Ω max, with an on-resistance match across all channels of 4Ωmax. Additionally, on-resistance is flat across the specified signal range (2Ωmax). The off leakage current is under 1nA at TA= +25°C, and less

than 10nA at TA= +85°C.



Features

♦Low Insertion Loss: -2.5dB up to 100MHz

♦High Off-Isolation: -74dB at 10MHz

♦Low Crosstalk: -70dB up to 10MHz

♦16MHz -0.1dB Signal Bandwidth

♦180MHz -3dB Signal Bandwidth

♦60Ω(max) On-Resistance with ±5V Supplies

♦4Ω(max) On-Resistance Matching with ±5V Supplies

♦2Ω(max) On-Resistance Flatness with ±5V Supplies

♦+2.7V to +12V Single Supply

  ±2.7V to ±6V Dual Supplies

♦Low Power Consumption: <20µW

♦Rail-to-Rail®, Bidirectional Signal Handling

♦Parallel or SPI/MICROWIRE-Compatible Serial Interface

♦>±2kV ESD Protection per Method 3015.7

♦TTL/CMOS-Compatible Inputs with VL= +5V




Similar Part No. - MAX4588

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX458-MAX459 MAXIM-MAX458-MAX459 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4580 MAXIM-MAX4580 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580-MAX4600 MAXIM-MAX4580-MAX4600 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results


Similar Description - MAX4588

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
DUAL 4-CHANNEL MULTIPLEXER
logo
Intersil Corporation
HI-524 INTERSIL-HI-524 Datasheet
161Kb / 6P
4-Channel Wideband and Video Multiplexer
July 1999
logo
Maxim Integrated Produc...
MAX4545 MAXIM-MAX4545 Datasheet
166Kb / 16P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 6/97
MAX4565 MAXIM-MAX4565 Datasheet
166Kb / 16P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 7/97
MAX4589 MAXIM-MAX4589 Datasheet
309Kb / 20P
Low-Voltage, High-Isolation, Dual 2-Channel RF/Video Multiplexer
Rev 0; 1/99
logo
Toshiba Semiconductor
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
DUAL 4-CHANNEL MULTIPLEXER
logo
Intersil Corporation
HI-524 INTERSIL-HI-524_02 Datasheet
188Kb / 6P
4-Channel Wideband and Video Multiplexer
April 2002
logo
Renesas Technology Corp
HI-524 RENESAS-HI-524 Datasheet
522Kb / 6P
4-Channel Wideband and Video Multiplexer
logo
Maxim Integrated Produc...
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F_V01 Datasheet
302Kb / 6P
DUAL 4-CHANNEL MULTIPLEXER
1997-03-30
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com