Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4589 Datasheet (PDF) - Maxim Integrated Products

MAX4589 Datasheet PDF - Maxim Integrated Products
Part # MAX4589
Download  MAX4589 Download
File Size   309.75 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, High-Isolation, Dual 2-Channel RF/Video Multiplexer

MAX4589 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4589 Datasheet PDF - Maxim Integrated Products

Part # MAX4589
Download  MAX4589 Click to download

File Size   309.75 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, High-Isolation, Dual 2-Channel RF/Video Multiplexer

MAX4589 Datasheet (HTML) - Maxim Integrated Products


MAX4589 Product details

General Description

The MAX4589 low-voltage, dual 2-channel multiplexer is designed for RF and video signal processing at frequencies up to 200MHz in 50Ω and 75Ω systems. On-chip functions are controlled through either a parallel interface or an SPI™/QSPI™/MICROWIRE™ serial interface.

Each channel of the MAX4589 is designed using a “T” switch configuration, ensuring excellent high-frequency off-isolation. The MAX4589 has low on-resistance of 60Ω max, with an on-resistance match across all chan nels of 4Ωmax. Additionally, on-resistance is flat across the specified signal range (2Ωmax). The off leakage current is under 1nA at TA= +25°C, and less

than 10nA at TA= +85°C.



Features

♦Low Insertion Loss: < -2.5dB up to 100MHz

♦High Off-Isolation: -74dB at 10MHz

♦Low Crosstalk: < -70dB up to 10MHz

♦20MHz -0.1dB Signal Bandwidth

♦200MHz -3dB Signal Bandwidth

♦60Ω(max) On-Resistance with ±5V Supplies

♦4Ω(max) On-Resistance Matching with ±5V Supplies

♦2Ω (max) On-Resistance Flatness with ±5V Supplies

♦+2.7V to +12V Single-Supply Operation

  ±2.7V to ±6V Dual-Supply Operation

♦Low Power Consumption: <20µW

♦Rail-to-Rail®‚ Bidirectional Signal Handling

♦Parallel or SPI/QSPI/MICROWIRE-Compatible Serial Interface

♦>±2kV ESD Protection per Method 3015.7

♦TTL/CMOS-Compatible Inputs with VL= +5V



 




Similar Part No. - MAX4589

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX458-MAX459 MAXIM-MAX458-MAX459 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4580 MAXIM-MAX4580 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580-MAX4600 MAXIM-MAX4580-MAX4600 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results


Similar Description - MAX4589

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157 Datasheet
60Kb / 8P
LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
Feb-1999
logo
Maxim Integrated Produc...
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
MAX442 MAXIM-MAX442 Datasheet
93Kb / 8P
140MHz, 2-Channel Video Multiplexer/Amplifier
Rev 1; 1/95
MAX4545 MAXIM-MAX4545 Datasheet
166Kb / 16P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 6/97
MAX4565 MAXIM-MAX4565 Datasheet
166Kb / 16P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 7/97
MAX4588 MAXIM-MAX4588 Datasheet
306Kb / 20P
Low-Voltage, High-Isolation, Dual 4-Channel RF/Video Multiplexer
Rev 0; 1/99
MAX4027 MAXIM-MAX4027 Datasheet
351Kb / 11P
225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
Rev 0; 9/03
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157_04 Datasheet
298Kb / 12P
LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
29-Jul-2004
logo
Maxim Integrated Produc...
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com