Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5415 Datasheet (PDF) - Maxim Integrated Products

MAX5415 Datasheet PDF - Maxim Integrated Products
Part # MAX5415
Download  MAX5415 Download
File Size   532.23 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP

MAX5415 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5415 Datasheet PDF - Maxim Integrated Products

Part # MAX5415
Download  MAX5415 Click to download

File Size   532.23 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP

MAX5415 Datasheet (HTML) - Maxim Integrated Products


MAX5415 Product details

General Description
The MAX5413/MAX5414/MAX5415 is a family of dual linear taper digital potentiometers. Each device has two 3-terminal potentiometers. The MAX5413/MAX5414/MAX5415 operate from +2.7V to +5.5V single-supply voltages and use an ultra-low 0.1µA supply current.

Features
♦ 14-Pin TSSOP Small-Footprint Package
♦ 256 Tap Positions
♦ Ultra-Low 0.1µA Supply Current
♦ +2.7V to +5.5V Single-Supply Operation
♦ Two Independent Potentiometers in a Package
♦ Low End-to-End Temperature Coefficient
   35ppm/°C
♦ Low Ratiometric Temperature Coefficient
   5ppm/°C
♦ Power-On Reset: Wiper Goes to Midscale
   (Position 128)
♦ Glitchless Switching Between Resistor Taps
♦ 3-Wire SPI™-Interface Compatible
♦ 10kΩ/50kΩ/100kΩ Resistor Values

Applications
   Mechanical Potentiometer Replacement
   Low-Drift Programmable Gain Amplifier (PGA)
   Volume Control
   LCD Screen Adjustment
   Adjustable Voltage Reference
   Programmable Filters, Delays, Time Constant
   Impedance Matching




Similar Part No. - MAX5415

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX541 MAXIM-MAX541 Datasheet
1Mb / 12P
MAX54X Evaluation Kit
Rev 0; 5/12
MAX5410EEE MAXIM-MAX5410EEE Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5410ETE MAXIM-MAX5410ETE Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5411 MAXIM-MAX5411 Datasheet
312Kb / 13P
Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
More results


Similar Description - MAX5415

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5400 MAXIM-MAX5400 Datasheet
250Kb / 8P
256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5403 MAXIM-MAX5403 Datasheet
561Kb / 10P
Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
Rev 1; 4/01
MAX5436 MAXIM-MAX5436 Datasheet
795Kb / 11P
짹15V, 128-Tap, Low-Drift Digital Potentiometers
Rev 3; 9/04
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com