Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX727 Datasheet (PDF) - Maxim Integrated Products

MAX727 Datasheet PDF - Maxim Integrated Products
Part # MAX727
Download  MAX727 Download
File Size   39.97 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators

MAX727 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX727 Datasheet PDF - Maxim Integrated Products

Part # MAX727
Download  MAX727 Click to download

File Size   39.97 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators

MAX727 Datasheet (HTML) - Maxim Integrated Products


MAX727 Product details

General Description
The MAX787/MAX788/MAX789 are monolithic, bipolar, pulse-width modulation (PWM), switch-mode, step-down DC-DC regulators. Each is rated at 5A. Very few external components are needed for standard operation because the power switch, oscillator, feedback, and control circuitry are all on-chip. Employing a classic buck topology, these regulators perform high-current step-down functions.

Features
♦ Input Range: Up to 40V
♦ 5A On-Chip Power Switch
♦ Fixed Outputs: 5V (MAX787)
                      3.3V (MAX788)
                      3V (MAX789)
♦ 100kHz Switching Frequency
♦ Excellent Dynamic Characteristics
♦ Few External Components
♦ 8.5mA Quiescent Current
♦ TO-220 Package

Applications
  Distributed Power from High-Voltage Buses
  High-Current, High-Voltage Step-Down
  Multiple-Output Buck Converter




Similar Part No. - MAX727

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
MAX727CCK MAXIM-MAX727CCK Datasheet
39Kb / 4P
5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
MAX727ECK MAXIM-MAX727ECK Datasheet
39Kb / 4P
5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
More results


Similar Description - MAX727

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Maxim Integrated Produc...
MAX724 MAXIM-MAX724 Datasheet
92Kb / 12P
5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MXL1074 MAXIM-MXL1074 Datasheet
1Mb / 4P
5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com