Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6255 Datasheet (PDF) - Intersil Corporation

ISL6255 Datasheet PDF - Intersil Corporation
Part # ISL6255
Download  ISL6255 Download
File Size   654.42 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers

ISL6255 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6255 Datasheet PDF - Intersil Corporation

Part # ISL6255
Download  ISL6255 Click to download

File Size   654.42 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers

ISL6255 Datasheet (HTML) - Intersil Corporation


ISL6255 Product details

The ISL6255, ISL6255A is a highly integrated battery charger
controller for Li-Ion/Li-Ion polymer batteries. High Efficiency is
achieved by a synchronous buck topology and the use of a
MOSFET, instead of a diode, for selecting power from the
adapter or battery. The low side MOSFET emulates a diode at
light loads to improve the light load efficiency and prevent
system bus boosting.
The constant output voltage can be selected for 2, 3 and 4
series Li-Ion cells with 0.5% accuracy over temperature. It can
also be programmed between 4.2V+5%/cell and 4.2V-5%/cell
to optimize battery capacity. When supplying the load and
battery charger simultaneously, the input current limit for the
AC adapter is programmable to within 3% accuracy to avoid
overloading the AC adapter, and to allow the system to make
efficient use of available adapter power for charging. It also
has a wide range of programmable charging current. The
ISL6255, ISL6255A provides outputs that are used to monitor
the current drawn from the AC adapter, and monitor for the
presence of an AC adapter. The ISL6255, ISL6255A
automatically transitions from regulating current mode to
regulating voltage mode.
ISL6255, ISL6255A has a feature for automatic power source
selection by switching to the battery when the AC adapter is
removed or switching to the AC adapter when the AC adapter
is available. It also provides a DC adapter monitor to support
aircraft power applications with the option of no battery
charging.

Features
• ±0.5% Charge Voltage Accuracy (-10°C to 100°C)
• ±3% Accurate Input Current Limit
• ±3% Accurate Battery Charge Current Limit
• ±25% Accurate Battery Trickle Charge Current Limit
(ISL6255A)
• Programmable Charge Current Limit, Adapter Current
Limit and Charge Voltage
• Fixed 300kHz PWM Synchronous Buck Controller with
Diode Emulation at Light Load
• Output for Current Drawn from AC Adapter
• AC Adapter Present Indicator
• Fast Input Current Limit Response
• Input Voltage Range 7V to 25V
• Support 2, 3 and 4 Cells Battery Pack
• Up to 17.64V Battery-Voltage Set Point
• Control Adapter Power Source Select MOSFET
• Thermal Shutdown
• Aircraft Power Capable
• DC Adapter Present Indicator
• Battery Discharge MOSFET Control
• Less than 10µA Battery Leakage Current
• Support Pulse Charging
• Charge Any Battery Chemistry: Li-Ion, NiCd, NiMH, etc.
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Notebook, Desknote and Sub-notebook Computers
• Personal Digital Assistant




Similar Part No. - ISL6255

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
June 17, 2005
ISL6255 INTERSIL-ISL6255 Datasheet
659Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
logo
Renesas Technology Corp
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255A INTERSIL-ISL6255A Datasheet
659Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6255AHAZ INTERSIL-ISL6255AHAZ Datasheet
804Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
June 17, 2005
More results


Similar Description - ISL6255

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
August 2004
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
June 17, 2005
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com